Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT42WS Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza BAT42WS
Descripción Electrónicos  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAT42WS Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BAT42WS Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAT42WS Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAT42WS Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BL Galaxy Electrical
Production specification
Schottky Barrier Diode
BAT42WS/BAT43WS
Document number: BL/SSSKB014
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
V(BR)R
IR=100μA
30
V
VF
IF=200mA
1.0
V
VF
IF=10mA
0.4
V
VF
IF=50mA
0.65
V
VF
IF=2mA
0.33
V
Forward voltage
All types
BAT42W
BAT42W
BAT43W
BAT43W
VF
IF=15mA
0.45
V
Reverse current
IR
VR=25v
0.5
μA
Reverse recovery time
trr
IF=10mA,IR=10mA
RL=100Ω
5.0
ns
Capacitance between
terminals
CT
VR=1.0V,f=1MHz
10
pF
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Número de pieza similar - BAT42WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diode Semiconductor Kor...
BAT42WS DSK-BAT42WS Datasheet
281Kb / 2P
   Schottky barrier diodes
logo
SeCoS Halbleitertechnol...
BAT42WS SECOS-BAT42WS Datasheet
172Kb / 2P
   0.2 AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
BAT42WS LUGUANG-BAT42WS Datasheet
291Kb / 3P
   Schottky Diodes
logo
Won-Top Electronics
BAT42WS WTE-BAT42WS Datasheet
30Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Descripción similar - BAT42WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com