Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59440IA Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL59440IA
Descripción Electrónicos  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59440IA Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL59440IA Datasheet HTML 4Page - Intersil Corporation ISL59440IA Datasheet HTML 5Page - Intersil Corporation ISL59440IA Datasheet HTML 6Page - Intersil Corporation ISL59440IA Datasheet HTML 7Page - Intersil Corporation ISL59440IA Datasheet HTML 8Page - Intersil Corporation ISL59440IA Datasheet HTML 9Page - Intersil Corporation ISL59440IA Datasheet HTML 10Page - Intersil Corporation ISL59440IA Datasheet HTML 11Page - Intersil Corporation ISL59440IA Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6162.2
October 10, 2007
Pin Descriptions
PIN NUMBER
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1, 3, 7
NIC
Not Internally Connected; it is recommended this pin be tied to ground to minimize crosstalk.
2
IN0
Circuit 1
Input for Channel 0
4
IN1
Circuit 1
Input for Channel 1
5
GND
Circuit 4
Ground pin
6
IN2
Circuit 1
Input for Channel 2
8
IN3
Circuit 1
Input for Channel 3
9
S0
Circuit 2
Channel selection pin LSB (binary logic code)
10
S1
Circuit 2
Channel selection pin MSB (binary logic code)
11
V-
Circuit 4
Negative power supply
12
V+
Circuit 4
Positive power supply
13
OUT
Circuit 3
Output
14
IN-
Circuit 1
Inverting input of output amplifier
15
HIZ
Circuit 2
Output disable (active high); there are internal pull-down resistors, so the device will be active with
no connection; “HI” puts the output in high impedance state.
16
ENABLE
Circuit 2
Device enable (active low); there are internal pull-down resistors, so the device will be active with
no connection; "HI" puts device into power-down mode.
IN
V+
V-
LOGIC PIN
V+
V-
GND.
33k
21k
+
-
1.2V
CIRCUIT 1.
CIRCUIT 2.
V+
V-
OUT
CIRCUIT 3.
V-
V+
CAPACITIVELY
COUPLED
ESD CLAMP
GND
CIRCUIT 4.
AC Test Circuits
FIGURE 24A. TEST CIRCUIT FOR MEASURING WITH A 50
Ω OR
75
Ω INPUT TERMINATED EQUIPMENT
FIGURE 24B. BACKLOADED TEST CIRCUIT FOR VIDEO
CABLE APPLICATION. BANDWIDTH AND
LINEARITY FOR RL LESS THAN 500Ω WILL BE
DEGRADED.
NOTE: Figure 24A illustrates the optimum output load when connecting to input terminated equipment. Figure 24B illustrates
backloaded test circuit for video cable applications.
ISL59440
RS
CL
VIN
TEST
50
Ω
OR
75
Ω
50
Ω
OR
75
Ω
50
Ω
OR
75
Ω
AV = 1, 2
475
Ω
OR
462.5
Ω
RG
RF
EQUIPMENT
ISL59440
RS
CL
VIN
50
Ω OR 75Ω
TEST
50
Ω
OR
75
Ω
50
Ω
OR
75
Ω
AV = 1, 2
RG
RF
EQUIPMENT
ISL59440


Número de pieza similar - ISL59440IA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59440IA INTERSIL-ISL59440IA Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IA RENESAS-ISL59440IA Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440IA-T13 INTERSIL-ISL59440IA-T13 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440IA-T7 INTERSIL-ISL59440IA-T7 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440IAZ INTERSIL-ISL59440IAZ Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results

Descripción similar - ISL59440IA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com