Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP75-12S15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza TP75-12S15
Descripción Electrónicos  37 TO 75 WATT WIDE INPUT DC/DC-CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TP75-12S15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TP75-12S15 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP75-12S15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Techno-Projekt GmbH · Rhönstr. 3 · D-97791 Obersinn
Telefon +49 9356 972120 · Telefax +49 9356 972121
www.techno-projekt.de · eMail: vertrieb@techno-projekt.de
4
42
2
37-75 WATT DC/DC-CONVERTER
TP75-SERIES
SPECIFICATIONS
INPUT SPECIFICATIONS:
Input Voltage Range 2:1 ................9-18/18-36/36-75V
Undervoltage Lockout:
Power Up
Power Down
12VDCin ............8.8V....................8V
24VDCin .............17V..................16V
48VDCin .............34V...............32.5V
Positive Logic Remote ON/OFF................... see Table
Input Filter ........................................................Pi-Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy..........................................±1%max.
Transient Response:25% Step Load Change: <500µsec.
External Trim Adjust ...........................................±10%
Ripple & Noise (20 MHz BW):
2.5, 3.3 & 5V.......75mVpp max.
12 & 15V...........100mVpp max.
24V ...................240mVpp max.
Temperature Coefficient .............................±0.03%/°C
Short Circuit Protection .............................Continuous
Line Regulation (High Line to Low Line)............±0.2%
Load Regulation (Full Load to Zero Load).........±0.2%
Over Voltage Protect Trip Range, % Vo nom.: 115-140%
Current Limit ...............110 - 150% of Nominal Output
CASE DIMENSIONS
(in Inches/mm)
GENERAL SPECIFICATIONS:
Efficiency.......................................................see Table
Isolation Voltage* ..................................1500VDC min.
Isolation Resistance ................................1000MOhms
Switching Frequency 12/24Vin .................400kHz typ.
48Vin .................300kHz typ.
Operating Temperature (Case) ..........-40°C to +100°C
Thermal Shutdown Range, T/Case.....105°C to 115°C
Storage Temperature Range .............-55°C to +105°C
Dimensions (Inch/mm) ...........2.40 x 2.28 x 0.5 Inches
61.0 x 57.9 x 12.7 mm
Case Material: ............................................ Aluminium
* Isolation Voltage = 1.500VDC: Input/Output,
Input/Case, Output/Case
EXTERNAL OUTPUT TRIM
REMOTE ON/OFF CONTROL
Logic Compability: Open Collector ref to -Input
PIN CONNECTION
PIN
FUNCTION
1
+VDCin
2
ON/OFF
3
CASE
4
- VDCin
5
- VDCout
6
- Sense
7
Trim Adj.
8
+ Sense
9
+VDCout
All Specifications typical at Nominal Line,
Full Load @25°C unless otherwise noted
© TECHNO-PROJEKT 2006


Número de pieza similar - TP75-12S15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
TP75-A ASTRODYNE-TP75-A Datasheet
322Kb / 4P
   75W Triple Output with PFC Function
TP75-B ASTRODYNE-TP75-B Datasheet
322Kb / 4P
   75W Triple Output with PFC Function
TP75-B ASTRODYNE-TP75-B Datasheet
1Mb / 4P
   75W Triple Output with PFC Function
TP75-C ASTRODYNE-TP75-C Datasheet
322Kb / 4P
   75W Triple Output with PFC Function
TP75-C ASTRODYNE-TP75-C Datasheet
1Mb / 4P
   75W Triple Output with PFC Function
More results

Descripción similar - TP75-12S15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RSG Electronic Componen...
CHB150 RSG-CHB150 Datasheet
75Kb / 2P
   75 TO 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75W RSG-CHB75W Datasheet
1Mb / 1P
   37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75-D RSG-CHB75-D Datasheet
1Mb / 1P
   75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
CHB75 RSG-CHB75 Datasheet
174Kb / 5P
   37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE & DUAL OUTPUT
logo
CINCON ELECTRONICS Corp...
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
CQB75W8 CINCON-CQB75W8 Datasheet
506Kb / 7P
   75 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CHB75 CINCON-CHB75 Datasheet
183Kb / 2P
   49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
AIMTEC
AMSR1.5-78-NZ AIMTEC-AMSR1.5-78-NZ Datasheet
266Kb / 4P
   Up to 9 .75 Watt | DC-DC Converter
logo
C&D Technologies
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WPC03R MURATA-PS-WPC03R Datasheet
189Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com