Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBT2369 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza MMBT2369
Descripción Electrónicos  NPN General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBT2369 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMBT2369 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBT2369 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BL Galaxy Electrical
Production specification
NPN General Purpose Amplifier
MMBT2369
Document number: BL/SSSTC114
www.galaxycn.com
Rev.A
1
FEATURES
Epitaxial planar die construction.
Pb
Lead-free
Ultra-small surface mount package.
APPLICATIONS
Use as a medium power amplifier.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBT2369
M1J
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
4.5
V
IC
Collector Current -Continuous
200
mA
PC
Collector Dissipation
300
mW
Tj,Tstg
Junction and Storage Temperature
-55to+150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10μA IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA IB=0
B
15
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA IC=0
4.5
V
Collector cut-off current
ICBO
VCB=20V IE=0
0.4
μ
A
VCE=1.0V IC=10mA
40
120
DC current gain
hFE
VCE=2.0V IC=100mA
20
Collector-emitter saturation voltage
VCE(sat)
IC=10mA IB=1.0mA
B
0.25
V
Output capacitance
Cobo
VCE=5.0V,IE=0,f=1.0MHz
4.0
pF


Número de pieza similar - MMBT2369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MMBT2369 FAIRCHILD-MMBT2369 Datasheet
198Kb / 6P
   NPN Switching Transistor
logo
Diotec Semiconductor
MMBT2369 DIOTEC-MMBT2369 Datasheet
98Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBT2369 SEMTECH_ELEC-MMBT2369 Datasheet
182Kb / 3P
   NPN Silicon Switching Transistor
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2369 MAKOSEMI-MMBT2369 Datasheet
65Kb / 1P
   Epitaxial planar die construction.
logo
GUANGDONG HOTTECH INDUS...
MMBT2369 HOTTECH-MMBT2369 Datasheet
144Kb / 1P
   Plastic-Encapsulate Transistors
More results

Descripción similar - MMBT2369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com