Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BD7903FS Datasheet(Hoja de datos) 2 Page - Rohm

No. de Pieza. BD7903FS
Descripción  5CH Power Driver for CD-ROM, DVD-ROM
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

 
 2 page
background image
BD7903FS
Optical disc ICs
2/16
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Unit
SPVM1,2
PreVCC, VMACT
SPVCC
Pd
Topr
Tstg
Limits
−55 to +150
15
15
7
2.6∗1
−35 to +85
V
V
V
W
°C
°C
POWER MOS
power suuply voltage
Preblock/BTL powerblock
power supply voltage
Spindle control block
power supply voltage
Power dissipation
Operating temperature range
Storage temperature
∗1 PCB (70mm×70mm×1.6mm glass epoxy) mounting.
Reduced by 20.8mW for each increase in Ta of 1
°C over 25°C.
!
!
!
!
Recommended operating conditions (Ta=25
°C)
(Set the power supply voltage taking allowable dissipation into considering)
Parameter
Symbol
Max.
Typ.
Min.
Unit
POWER MOS
Power supply voltage1
SPVM1, 2
14
12
SPVCC
V
Preblock
Power supply voltage
Power block
Power supply voltage
PreVCC
PreVCC
VMACT
14
12
VMACT
5.0
4.5
V
V
Spindle control block
Power supply voltage
6.0
SPVCC
5.0
4.5
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BD7904FS5ch Power Driver for CD-ROM DVD-ROM 1 2 3 4 5 MoreRohm
BA5962FVM_1Power Driver For CD Players 1 2 3 4 5 MoreRohm
TND323VDExPD Excellent Power Device General Purpose Driver for PDP Sustain Pulse Drive Motor Drive 1 2 3 4 5 Sanyo Semicon Device
TPD7203F_07Power MOSFET Gate Driver for 3-Phase DC Motor 1 2 3 4 5 MoreToshiba Semiconductor
MP4209_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
MP4210_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
TA2092N_01Power Driver IC for CD Player 1 2 3 4 5 MoreToshiba Semiconductor
MP4211_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl