Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BD7903FS Datasheet(Hoja de datos) 4 Page - Rohm

No. de Pieza. BD7903FS
Descripción  5CH Power Driver for CD-ROM, DVD-ROM
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

 
 4 page
background image
BD7903FS
Optical disc ICs
4/16
!
!
!
!
Pin descriptions
Pin No.
Pin name
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
FG
HB
SPVM1
HU
HU
+
HV
HV
+
HW
HW
+
V
U
GND
GND
GND
GND
GND
SPGND
W
SPRNF
SPIN
LDIN
CFCerr2
CFCerr1
VINFC
SPVM2
VINTK
VC
Frequency generator output
Hall bias
Spindle driver power supply 1
Hall amp.U negative input
Hall amp.U positive input
Hall amp.V negative input
Hall amp.V positive input
Hall amp.W negative input
Hall amp.W positive input
Spindle driver output V
Spindle driver output U
GND
GND
GND
GND
GND
Spindle driver power ground
Spindle driver output W
Spindle driver current sense
Spindle driver input
Loading driver input
Connection with capacitor for error amplifier
Connection with capacitor for error amplifier
Focus driver input
Spindle driver power supply 2
Tracking driver input
Reference voltage input
Pin No.
Pin name
Function
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
CTKerr1
CTKerr2
CFIL
VNFFC
VMACT
VNFTK
VOTK
+
VOTK
VOFC
+
VOFC
PreGND
GND
GND
GND
GND
GND
PowGND
LDO
LDO
+
SLO1
SLO1
+
CTL1
PreVCC
CTL2
OPOUT
SLIN
SPVCC
Connection with capacitor for error amplifier
Connection with capacitor for error amplifier
Connection with capacitor for spindle loop
Feedback for focus driver
Actuator driver block power supply
Feedback for tracking driver
Tracking driver positive output
Tracking driver negative output
Focus driver positive output
Focus driver negative output
Pre-ground
GND
GND
GND
GND
GND
BTL block power ground
Loading driver negative output
Loading driver positive output
Slide drive negative output
Slide drive positive output
Driver logic control input 1
Loading block power supply
Driver logic control input 2
OP amp output
Slide driver input
Spindle block control power supply
∗ Positive/negative of the output terminals are determined in reference to those of the input terminals.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BD7904FS5ch Power Driver for CD-ROM DVD-ROM 1 2 3 4 5 MoreRohm
BA5962FVM_1Power Driver For CD Players 1 2 3 4 5 MoreRohm
TND323VDExPD Excellent Power Device General Purpose Driver for PDP Sustain Pulse Drive Motor Drive 1 2 3 4 5 Sanyo Semicon Device
TPD7203F_07Power MOSFET Gate Driver for 3-Phase DC Motor 1 2 3 4 5 MoreToshiba Semiconductor
MP4209_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
MP4210_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
TA2092N_01Power Driver IC for CD Player 1 2 3 4 5 MoreToshiba Semiconductor
MP4211_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl