Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BD7903FS Datasheet(Hoja de datos) 1 Page - Rohm

No. de Pieza. BD7903FS
Descripción  5CH Power Driver for CD-ROM, DVD-ROM
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

 
 1 page
background image
BD7903FS
Optical disc ICs
1/16
5CH Power Driver for
CD-ROM, DVD-ROM
BD7903FS
BD7903FS is a 5-channel driver IC that integrates all drivers necessary for CD-ROM, and DVD-ROM systems into a
single chip. Low noise, and low vibration can be achieved by applying the 180
° PWM driving system for spindle motor
drivers. Current lag phase occurred by the load of the inductance can be reduced by using the current feedback linear
BTL system to driver the actuator.
!
!
!
!
Applications
CD-ROM, DVD-ROM
!
!
!
!
Features
1) 4channel BTL driver and 3phase motor driver.
- ALL of the motor and actuator for CD-ROM, DVD-ROM etc.
2) These mode is able to be selected by the two control terminals.
- ON/OFF of loading, and other 4channels, brake mode of spindle driver and standby mode.
3) Built-in triangular-wave generator.
4) Package SSOP-A54 has large power dissipation.
5) Built in thermal-shut-down circuit.
〈 Spindle driver 〉
• Efficient drive by current feedback PWM drive.
• Built in current limit, hall bias, short brake, FG 3-phase mixed signal output and reverse protection circuit.
• Low ON-Resistor. (RON=0.85Ω)
〈 Sled motor driver, Loading driver 〉
• Voltage feedback Linear BTL drive system.
〈 Actuator driver 〉
• Current feedback Linear BTL drive system.
• Current phase lag influenced load inductance is little, because this type is current feedback.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BD7904FS5ch Power Driver for CD-ROM DVD-ROM 1 2 3 4 5 MoreRohm
BA5962FVM_1Power Driver For CD Players 1 2 3 4 5 MoreRohm
TND323VDExPD Excellent Power Device General Purpose Driver for PDP Sustain Pulse Drive Motor Drive 1 2 3 4 5 Sanyo Semicon Device
TPD7203F_07Power MOSFET Gate Driver for 3-Phase DC Motor 1 2 3 4 5 MoreToshiba Semiconductor
MP4209_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
MP4210_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
TA2092N_01Power Driver IC for CD Player 1 2 3 4 5 MoreToshiba Semiconductor
MP4211_07High Power High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver 1 2 3 4 5 MoreToshiba Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl