Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28194 Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza ISL28194
Descripción Electrónicos  Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28194 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28194 Datasheet HTML 7Page - Intersil Corporation ISL28194 Datasheet HTML 8Page - Intersil Corporation ISL28194 Datasheet HTML 9Page - Intersil Corporation ISL28194 Datasheet HTML 10Page - Intersil Corporation ISL28194 Datasheet HTML 11Page - Intersil Corporation ISL28194 Datasheet HTML 12Page - Intersil Corporation ISL28194 Datasheet HTML 13Page - Intersil Corporation ISL28194 Datasheet HTML 14Page - Intersil Corporation ISL28194 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6236.3
October 9, 2007
FIGURE 47. ISL28194 VOUT HIGH vs TEMPERATURE, V+ = 5V,
RL = 100k
FIGURE 48. ISL28195 VOUT HIGH vs TEMPERATURE, V+ = 5V,
RL = 100k
FIGURE 49. ISL28194 VOUT HIGH vs TEMPERATURE, V+ = 5V,
RL = 10k
FIGURE 50. ISL28195 VOUT HIGH vs TEMPERATURE, V+ = 5V,
RL = 10k
FIGURE 51. ISL28194 VOUT LOW vs TEMPERATURE,
V+, V- = ±2.5V, RL = 100k
FIGURE 52. ISL28195 VOUT LOW vs TEMPERATURE,
V+, V- = ±2.5V, RL = 100k
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, Unless Otherwise Specified. (Continued)
4.950
4.955
4.960
4.965
4.970
4.975
4.980
4.985
4.990
4.995
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
4.973
4.974
4.975
4.976
4.977
4.978
4.979
4.980
4.981
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
4.926
4.928
4.930
4.932
4.934
4.936
4.938
4.940
4.942
4.944
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
4.936
4.938
4.940
4.942
4.944
4.946
4.948
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
10
15
20
25
30
35
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
9
11
13
15
17
19
21
23
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
ISL28194, ISL28195


Número de pieza similar - ISL28194

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
ISL28194EVAL1Z RENESAS-ISL28194EVAL1Z Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28194FHZ-T7 INTERSIL-ISL28194FHZ-T7 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
More results

Descripción similar - ISL28194

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28196 INTERSIL-ISL28196 Datasheet
337Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output RRIO Comparators
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
logo
Intersil Corporation
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Linear Technology
LT6003 LINER-LT6003 Datasheet
291Kb / 20P
   1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Dimensions Semic...
LT6003CDC-TRMPBF LINEAR_DIMENSIONS-LT6003CDC-TRMPBF Datasheet
1Mb / 20P
   1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com