Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28478FAZ Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL28478FAZ
Descripción Electrónicos  Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28478FAZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28478FAZ Datasheet HTML 5Page - Intersil Corporation ISL28478FAZ Datasheet HTML 6Page - Intersil Corporation ISL28478FAZ Datasheet HTML 7Page - Intersil Corporation ISL28478FAZ Datasheet HTML 8Page - Intersil Corporation ISL28478FAZ Datasheet HTML 9Page - Intersil Corporation ISL28478FAZ Datasheet HTML 10Page - Intersil Corporation ISL28478FAZ Datasheet HTML 11Page - Intersil Corporation ISL28478FAZ Datasheet HTML 12Page - Intersil Corporation ISL28478FAZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6145.2
July 11, 2007
FIGURE 31. VOUT LOW vs TEMPERATURE, V+,V- = ±2.5V,
RL= 100k
FIGURE 32. + OUTPUT SHORT CIRCUIT CURRENT vs
TEMPERATURE, VIN = -2.55V, RL = 10,
V+,V- = ±2.5V
FIGURE 33. - OUTPUT SHORT CIRCUIT CURRENT vs
TEMPERATURE, VIN = +2.55V, RL = 10,
V+,V- = ±2.5V
FIGURE 34. + SLEW RATE vs TEMPERATURE, VOUT = ±1.5V,
AV = +2
FIGURE 35. - SLEW RATE vs TEMPERATURE, VOUT = ±1.5V, AV = +2
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, unless otherwise specified.
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 12
MIN
MAX
MEDIAN
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
25
27
29
31
33
35
37
39
41
MAX
MIN
N = 1000
MEDIAN
-33
-31
-29
-27
-25
-23
-21
MAX
MIN
N = 1000
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
MEDIAN
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
MAX
MIN
N = 1000
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
MAX
MIN
N = 1000
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
ISL28278, ISL28478


Número de pieza similar - ISL28478FAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28478FAZ INTERSIL-ISL28478FAZ Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28478FAZ-T7 INTERSIL-ISL28478FAZ-T7 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results

Descripción similar - ISL28478FAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com