Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28291FRUZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL28291FRUZ-T7
Descripción Electrónicos  Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28291FRUZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28291FRUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28291FRUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28291FRUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28291FRUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28291FRUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28291FRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28291FRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28291FRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28291FRUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6156.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006-2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28191, ISL28291
Single and Dual Single Supply Ultra-Low
Noise, Low Distortion Rail-to-Rail Output,
Op Amp
The ISL28191 and ISL28291 are tiny single and dual
ultra-low noise, ultra-low distortion operational amplifiers.
They are fully specified to operate down to +3V single
supply. These amplifiers have outputs that swing rail-to-rail
and an input common mode voltage that extends to ground
(ground sensing).
The ISL28191 and ISL28291 are unity gain stable with an
input referred voltage noise of 1.7nV/
√Hz. Both parts feature
0.00018% THD+N at 1kHz.
The ISL28191 is available in the space-saving 6 Ld µTDFN
(1.6mmx1.6mm) and 6 Ld SOT-23 packages. The ISL28291
is available in the 8 Ld SOIC, 10 Ld 1.8mmx1.4mm µTQFN
and 10 Ld MSOP packages. All devices are guaranteed over
-40°C to +125°C.
Features
• 1.7nV/
√Hz input voltage noise at 1kHz
• 1kHz THD+N typical 0.00018% at 2VP-P VOUT
• Harmonic Distortion -76dBc, -70dBc, fo = 1MHz
• 61MHz -3dB bandwidth
• 630µV maximum offset voltage
• 3µA input bias current
• 100dB typical CMRR
• 3V to 5.5V single supply voltage range
• Rail-to-rail output
• Ground Sensing
• Enable pin (not available in the 8 Ld SOIC package
option)
• Pb-free (RoHS compliant)
Applications
• Low noise signal processing
• Low noise microphones/preamplifiers
• ADC buffers
• DAC output amplifiers
• Digital scales
• Strain gauges/sensor amplifiers
• Radio systems
• Portable equipment
• Infrared detectors
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL28191FHZ-T7* (Note 1)
GABJ
6 Ld SOT-23 MDP0038
Coming Soon
ISL28191FRUZ (Note 2)
M8
6 Ld µTDFN
L6.1.6x1.6A
Coming Soon
ISL28191FRUZ-T7* (Note 2)
M8
6 Ld µTDFN
L6.1.6x1.6A
ISL28291FUZ (Note 1)
8291Z
10 Ld MSOP MDP0043
ISL28291FUZ-T7* (Note 1)
8291Z
10 Ld MSOP MDP0043
Coming Soon
ISL28291FBZ (Note 1)
28291 FBZ 8 Ld SOIC
MDP0027
Coming Soon
ISL28291FBZ-T7 (Note 1)
28291 FBZ 8 Ld SOIC
MDP0027
Coming Soon
ISL28291FRUZ-T7* (Note 2)
F
10 Ld µTQFN L10.1.8x1.4A
*Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials
and 100% matte tin plate PLUS ANNEAL - e3 termination finish,
which is RoHS compliant and compatible with both SnPb and Pb-
free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets; molding compounds/die attach materials
and NiPdAu plate - e4 termination finish, which is RoHS compliant
and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
February 20, 2008


Número de pieza similar - ISL28291FRUZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28291FRUZ-T7 INTERSIL-ISL28291FRUZ-T7 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
ISL28291FRUZ-T7 INTERSIL-ISL28291FRUZ-T7 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28291FRUZ-T7 RENESAS-ISL28291FRUZ-T7 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results

Descripción similar - ISL28291FRUZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com