Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28486 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL28486
Descripción Electrónicos  Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28486 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL28486 Datasheet HTML 1Page - Intersil Corporation ISL28486 Datasheet HTML 2Page - Intersil Corporation ISL28486 Datasheet HTML 3Page - Intersil Corporation ISL28486 Datasheet HTML 4Page - Intersil Corporation ISL28486 Datasheet HTML 5Page - Intersil Corporation ISL28486 Datasheet HTML 6Page - Intersil Corporation ISL28486 Datasheet HTML 7Page - Intersil Corporation ISL28486 Datasheet HTML 8Page - Intersil Corporation ISL28486 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6312.1
June 28, 2007
ISC+
Short Circuit Sourcing Capability
RL = 10Ω
29
23
31
mA
ISC-
Short Circuit Sinking Capability
RL = 10Ω
24
19
26
mA
VSUPPLY
Supply Operating Range
V+ to V-
2.4
5
V
VENH
EN Pin High Level (ISL28286)
2
V
VENL
EN Pin Low Level (ISL28286
0.8
V
IENH
EN Pin Input High Current (ISL28286)
VEN = V+
0.7
1.3
1.5
µA
IENL
EN Pin Input Low Current (ISL28286)
VEN = V-
0
0.1
µA
AC SPECIFICATONS
GBW
Gain Bandwidth Product
AV = 100, RF = 100kΩ, RG = 1kΩ,
RL = 10kΩ to VCM
400
kHz
en
Input Noise Voltage Peak-to-Peak
f = 0.1Hz to 10Hz
4.5
µVP-P
Input Noise Voltage Density
fO = 1kHz
50
nV/
√Hz
in
Input Noise Current Density
fO = 1kHz
0.18
pA/
√Hz
CMRR @ 60Hz
Input Common Mode Rejection Ratio
VCM = 1VP-P, RL = 10kΩ to VCM
78
dB
PSRR+ @ 120Hz
Power Supply Rejection Ratio (V+)V+, V- = ±12V and ±2.5V,
VSOURCE = 1VP-P, RL = 10kΩ to VCM
-105
dB
PSRR- @ 120Hz
Power Supply Rejection Ratio (V-)V+, V- = ±12V and ±2.5V
VSOURCE = 1VP-P, RL = 10kΩ to VCM
-73
dB
TRANSIENT RESPONSE
SR
Slew Rate
±
0.10
±
0.09
±
0.17
±
0.20
±
0.25
V/µs
tEN
Enable to Output Turn-on Delay Time,
10% EN to 10% VOUT, (ISL28286)
VEN = 5V to 0V, AV = -1,
Rg = Rf = RL = 1k to VCM
2µs
Enable to Output Turn-off Delay Time,
10% EN to 10% VOUT, (ISL28286)
VEN = 0V to 5V, AV = -1,
Rg = Rf = RL = 1k to VCM
0.1
µs
NOTE:
1. Parts are 100% tested at +25°C. Over temperature limits established by characterization and are not production tested.
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
ISL28286, ISL28486


Número de pieza similar - ISL28486

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28486 INTERSIL-ISL28486 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28486FAZ INTERSIL-ISL28486FAZ Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
logo
Renesas Technology Corp
ISL28486FAZ RENESAS-ISL28486FAZ Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28486FAZ-T7 INTERSIL-ISL28486FAZ-T7 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results

Descripción similar - ISL28486

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT1078 LINER-LT1078_1 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2079 LINER-LT2079_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
RH1078M LINER-RH1078M Datasheet
194Kb / 8P
   Micropower, Dual, Single Supply Precision Op Amp
RH1078M LINER-RH1078M_15 Datasheet
162Kb / 2P
   Micropower, Dual, Single-Supply Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com