Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2621MMX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2621MMX
Descripción Electrónicos  Low Input Voltage, Step-Up DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2621MMX Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2621MMX Datasheet HTML 3Page - National Semiconductor (TI) LM2621MMX Datasheet HTML 4Page - National Semiconductor (TI) LM2621MMX Datasheet HTML 5Page - National Semiconductor (TI) LM2621MMX Datasheet HTML 6Page - National Semiconductor (TI) LM2621MMX Datasheet HTML 7Page - National Semiconductor (TI) LM2621MMX Datasheet HTML 8Page - National Semiconductor (TI) LM2621MMX Datasheet HTML 9Page - National Semiconductor (TI) LM2621MMX Datasheet HTML 10Page - National Semiconductor (TI) LM2621MMX Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Design Procedure
SETTING THE OUTPUT VOLTAGE
The output voltage of the step-up regulator can be set be-
tween 1.24V and 14V by connecting a feedback resistive
divider made of R
F1 and RF2. The resistor values are se-
lected as follows:
R
F2 =RF1 /[(VOUT/ 1.24) −1]
A value of 150k
Ω is suggested for R
F1. Then, RF2 can be
selected using the above equation. A 39pF capacitor (C
F1)
connected across R
F1 helps in feeding back most of the AC
ripple at V
OUT to the FB pin. This helps reduce the peak-to-
peak output voltage ripple as well as improve the efficiency
of the step-up regulator, because a set hysteresis of 30mV at
the FB pin is used for the gated oscillator control scheme.
BOOTSTRAPPING
When the output voltage (V
OUT) is between 2.5V and 5.0V a
bootstrapped operation is suggested. This is achieved by
connecting the V
DD pin (Pin 6) to VOUT. However if the VOUT
is outside this range, the V
DD pin should be connected to a
voltage source whose range is between 2.5V and 5V. This
can be the input voltage (V
IN), VOUT stepped down using a
linear regulator, or a different voltage source available in the
system. This is referred to as non-bootstrapped operation.
The maximum acceptable voltage at the BOOT pin (Pin 7) is
10V.
SETTING THE SWITCHING FREQUENCY
The switching frequency of the oscillator is selected by
choosing an external resistor (R
FQ)
connected between
FREQ and V
DD pins. See the graph titled „Switching Fre-
quency vs R
FQ“ in the Typical Operating Characteristics
section of the datasheet for choosing the R
FQ value to
achieve the desired switching frequency. A high switching
frequency allows the use of very small surface mount induc-
tors and capacitors and results in a very small solution size.
A switching frequency between 300kHz and 2MHz is recom-
mended.
INDUCTOR SELECTION
The LM2621’s high switching frequency enables the use of a
small surface mount inductor. A 6.8µH shielded inductor is
suggested. The inductor should have a saturation current
rating higher than the peak current it will experience during
circuit operation (see graph titled „Peak Inductor Current vs.
Load Current“ in the Typical Performance Characteristics
section). Less than 100m
Ω ESR is suggested for high effi-
ciency.
Open-core inductors cause flux linkage with circuit compo-
nents and interfere with the normal operation of the circuit.
They should be avoided. For high efficiency, choose an
inductor with a high frequency core material, such as ferrite,
to reduce the core losses. To minimize radiated noise, use a
toroid, pot core or shielded core inductor. The inductor
should be connected to the SW pin as close to the IC as
possible. See Table 1 for a list of the inductor manufacturers.
OUTPUT DIODE SELECTION
A Schottky diode should be used for the output diode. The
forward current rating of the diode should be higher than the
load current, and the reverse voltage rating must be higher
than the output voltage. Do not use ordinary rectifier diodes,
since slow switching speeds and long recovery times cause
the efficiency and the load regulation to suffer. Table 1 shows
a list of the diode manufacturers.
INPUT AND OUTPUT FILTER CAPACITORS SELECTION
Tantalum chip capacitors are recommended for the input and
output filter capacitors. A 22µF capacitor is suggested for the
input filter capacitor. It should have a DC working voltage
rating higher than the maximum input voltage. A 68µF tan-
talum capacitor is suggested for the output capacitor. The
DC working voltage rating should be greater than the output
voltage. Very high ESR values (>3
Ω) should be avoided.
Table 1 shows a list of the capacitor manufacturers.
TABLE 1. Suggested Manufacturers List
Inductors
Capacitors
Diodes
Coilcraft
Tel: (800) 322-2645
Fax: (708) 639-1469
Sprague/ Vishay
Tel: (207) 324-4140
Fax: (207) 324-7223
Motorola
Tel: (800) 521-6274
Fax: (602) 244-6609
Coiltronics
Tel: (407) 241-7876
Fax: (407) 241-9339
Kemet
Tel: (864) 963-6300
Fax: (864) 963-6521
International Rectifier (IR)
Tel: (310) 322-3331
Fax: (310) 322-3332
Pulse Engineering
Tel: (619) 674-8100
Fax: (619) 674-8262
Nichicon
Tel: (847) 843-7500
Fax: (847) 843-2798
General Semiconductor
Tel: (516) 847-3222
Fax: (516) 847-3150
PC BOARD LAYOUT
High switching frequencies and high peak currents make a
proper layout of the PC board an important part of design.
Poor design can cause excessive EMI and ground-bounce,
both of which can cause malfunction and loss of regulation
by corrupting voltage feedback signal and injecting noise
into the control section.
Power components - such as the inductor, input and output
filter capacitors, and output diode - should be placed as
close to the regulator IC as possible, and their traces should
be kept short, direct and wide. The ground pins of the input
and output filter capacitors and the PGND and SGND pins of
LM2621 should be connected using short, direct and wide
traces. The voltage feedback network (R
F1,RF2, and CF1)
should be kept very close to the FB pin. Noisy traces, such
as from the SW pin, should be kept away from the FB and
V
DD pins. The traces that run between Vout and the FB pin of
the IC should be kept away from the inductor flux. Always
provide sufficient copper area to dissipate the heat due to
power loss in the circuitry and prevent the thermal protection
circuitry in the IC from shutting the IC down.
www.national.com
8


Número de pieza similar - LM2621MMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2621MMX NSC-LM2621MMX Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621MMX TI-LM2621MMX Datasheet
1Mb / 17P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621MMX/NOPB TI1-LM2621MMX/NOPB Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
More results

Descripción similar - LM2621MMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com