Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2651 Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
LM2651 Datasheet(HTML) 3 Page - National Semiconductor (TI) |
3 / 11 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Input Voltage 15V Feedback Pin Voltage −0.4V ≤ V FB ≤ 5V Power Dissipation (T A =25˚C), (Note 2) 893 mW Junction Temperature Range −40˚C ≤ T J ≤ +125˚C Storage Temperature Range −65˚C to +150˚C ESD Susceptibility Human Body Model (Note 3) 1kV Operating Ratings (Note 1) Supply Voltage 4V ≤ V IN ≤ 14V LM2651-1.8 System Parameters Specifications in standard type face are for T J = 25˚C and those with boldface type apply over full operating junction temperature range. V IN =10V unless otherwise specified. Symbol Parameter Conditions Typical Limit Units V OUT Output Voltage I LOAD = 900 mA 1.8 1.761/1.719 1.836/1.854 V V(min) V(max) V OUT Output Voltage Line Regulation V IN =4Vto14V I LOAD = 900 mA 0.2 % V OUT Output Voltage Load Regulation I LOAD = 10 mA to 1.5A V IN =5V 1.3 % V OUT Output Voltage Load Regulation I LOAD = 200 mA to 1.5A V IN =5V 0.3 % V HYST Sleep Mode Output Voltage Hysteresis 35 mV LM2651-2.5 System Parameters Symbol Parameter Conditions Typical Limit Units V OUT Output Voltage I LOAD = 900 mA 2.5 2.43/2.388 2.574/2.575 V V(min) V(max) V OUT Output Voltage Line Regulation V IN =4Vto12V I LOAD = 900 mA 0.2 % V OUT Output Voltage Load Regulation I LOAD = 10 mA to 1.5A V IN =5V 1.3 % V OUT Output Voltage Load Regulation I LOAD = 200 mA to 1.5A V IN =5V 0.3 % V HYST Sleep Mode Output Voltage Hysteresis 48 mV LM2651-3.3 System Parameters Symbol Parameter Conditions Typical Limit Units V OUT Output Voltage I LOAD = 900 mA 3.3 3.265/3.201 3.379/3.399 V V(min) V(max) V OUT Output Voltage Line Regulation V IN =4Vto14V I LOAD = 900 mA 0.2 % V OUT Output Voltage Load Regulation I LOAD = 10 mA to 1.5A V IN =5V 1.3 % V OUT Output Voltage Load Regulation I LOAD = 200 mA to 1.5A V IN =5V 0.3 % V HYST Sleep Mode Output Voltage Hysteresis 60 mV www.national.com 3 |
Número de pieza similar - LM2651 |
|
Descripción similar - LM2651 |