Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2651 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza LM2651
Descripción Electrónicos  1.5A High Efficiency Synchronous Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2651 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2651 Datasheet HTML 3Page - National Semiconductor (TI) LM2651 Datasheet HTML 4Page - National Semiconductor (TI) LM2651 Datasheet HTML 5Page - National Semiconductor (TI) LM2651 Datasheet HTML 6Page - National Semiconductor (TI) LM2651 Datasheet HTML 7Page - National Semiconductor (TI) LM2651 Datasheet HTML 8Page - National Semiconductor (TI) LM2651 Datasheet HTML 9Page - National Semiconductor (TI) LM2651 Datasheet HTML 10Page - National Semiconductor (TI) LM2651 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Block Diagram
Operation
The LM2651 operates in a constant frequency (300 kHz),
current-mode PWM for moderate to heavy loads; and it
automatically switches to hysteretic mode for light loads. In
hysteretic mode, the switching frequency is reduced to keep
the efficiency high.
MAIN OPERATION
When the load current is higher than the sleep mode thresh-
old, the part is always operating in PWM mode. At the
beginning of each switching cycle, the high-side switch is
turned on, the current from the high-side switch is sensed
and compared with the output of the error amplifier (COMP
pin). When the sensed current reaches the COMP pin volt-
age level, the high-side switch is turned off; after 40 ns
(deadtime), the low-side switch is turned on. At the end of the
switching cycle, the low-side switch is turned off; and the
same cycle repeats.
The current of the top switch is sensed by a patented internal
circuitry. This unique technique gets rid of the external sense
resistor, saves cost and size, and improves noise immunity
of the sensed current. A feedforward from the input voltage is
added to reduce the variation of the current limit over the
input voltage range.
When the load current decreases below the sleep mode
threshold, the output voltage will rise slightly, this rise is
sensed by the hysteretic mode comparator which makes the
part go into the hysteretic mode with both the high and low
side switches off. The output voltage starts to drop until it hits
the low threshold of the hysteretic comparator, and the part
immediately goes back to the PWM operation. The output
voltage keeps increasing until it reaches the top hysteretic
threshold, then both the high and low side switches turn off
again, and the same cycle repeats.
PROTECTIONS
The cycle-by-cycle current limit circuitry turns off the high-
side MOSFET whenever the current in MOSFET reaches
2A.
Design Procedure
This section presents guidelines for selecting external com-
ponents.
10092503
FIGURE 1. LM2651 Block Diagram
www.national.com
8


Número de pieza similar - LM2651

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2651MTC-1.8 NSC-LM2651MTC-1.8 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-2.5 NSC-LM2651MTC-2.5 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-3.3 NSC-LM2651MTC-3.3 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Descripción similar - LM2651

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com