Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2655MTC-3.3 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2655MTC-3.3
Descripción Electrónicos  2.5A High Efficiency Synchronous Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2655MTC-3.3 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2655MTC-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2655MTC-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2655MTC-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2655MTC-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2655MTC-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2655MTC-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM2655MTC-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM2655MTC-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LM2655MTC-3.3 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Performance Characteristics (Continued)
R
SW(ON) + Bond Wire Resistance vs
Input Voltage (Note 10) (I
LOAD = 1.5A)
R
SW(ON) + Bond Wire Resistance vs
Junction Temperature (Note 10) (I
LOAD = 1.5A, VIN =5V)
10128411
10128412
Current Limit vs Input Voltage
(Synchronous)
Current Limit vs Input Voltage
(Asynchronous)
10128413
10128414
Current Limit vs Junction Temperature
(V
IN = 5V, VOUT = 3.3V)
Reference Voltage vs Junction Temperature
10128415
10128416
www.national.com
8


Número de pieza similar - LM2655MTC-3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2655MTC-3.3/NOPB TI-LM2655MTC-3.3/NOPB Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
More results

Descripción similar - LM2655MTC-3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
   High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com