Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54055 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL54055
Descripción Electrónicos  Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54055 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54055 Datasheet HTML 1Page - Intersil Corporation ISL54055 Datasheet HTML 2Page - Intersil Corporation ISL54055 Datasheet HTML 3Page - Intersil Corporation ISL54055 Datasheet HTML 4Page - Intersil Corporation ISL54055 Datasheet HTML 5Page - Intersil Corporation ISL54055 Datasheet HTML 6Page - Intersil Corporation ISL54055 Datasheet HTML 7Page - Intersil Corporation ISL54055 Datasheet HTML 8Page - Intersil Corporation ISL54055 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6461.1
September 25, 2007
COM ON Capacitance, CCOM(ON)
(Nx Inputs Connected)
f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 5)
25
-
62
-
pF
NO or NC OFF Capacitance, COFF
(Single Nx Input)
f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 5)
25
-
16
-
pF
COM ON Capacitance, CCOM(ON)
(Single Nx Input)
f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 5)
25
-
89
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-1
-
1
μA
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1.8V, VINL = 0V (Note 4),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
(Nx Inputs Connected)
V+ = 1.8V, ICOM = 100mA, VNO or VNC = 0V to V+,
Pins 1 and 3 connected, (See Figure 4)
25
-
1.1
-
Ω
Full
-
1.3
-
Ω
ON-Resistance, rON
(Single Nx Input)
V+ = 1.8V, ICOM = 100mA, VNO or VNC = 0V to V+
(See Figure 4)
25
-
2.3
-
Ω
Full
-
2.53
-
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.8V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 1)
25
-
115
-
ns
Full
-
246
-
ns
Turn-OFF Time, tOFF
V+ = 1.8V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 1)
25
-
90
-
ns
Full
-
192
-
ns
Charge Injection, Q
VG = 0V, RG = 0Ω,CL = 1.0nF (See Figure 2)
25
-
22
-
pC
NOTES:
4. VIN = input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 4), Unless
Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ISL54054, ISL54055


Número de pieza similar - ISL54055

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54055 INTERSIL-ISL54055 Datasheet
505Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
ISL54055 INTERSIL-ISL54055 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54055 RENESAS-ISL54055 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
logo
Intersil Corporation
ISL54055IRUZ-T INTERSIL-ISL54055IRUZ-T Datasheet
505Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
logo
Renesas Technology Corp
ISL54055IRUZ-T RENESAS-ISL54055IRUZ-T Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
More results

Descripción similar - ISL54055

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54054 RENESAS-ISL54054 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
logo
Intersil Corporation
ISL54054 INTERSIL-ISL54054 Datasheet
505Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com