Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54056IRUZ-T Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL54056IRUZ-T
Descripción Electrónicos  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54056IRUZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54056IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6357.4
ISL54056
Ultra Low ON-Resistance, +1.65V to +4.5V,
Single Supply, Quad SPDT (Dual DPDT)
Analog Switch
The Intersil ISL54056 device is a low ON-resistance, low
voltage, bidirectional, Quad SPDT (Dual DPDT) analog
switch designed to operate from a single +1.65V to +4.5V
supply. Targeted applications include battery powered
equipment that benefit from low rON (0.39Ω) and fast
switching speeds (tON = 30ns, tOFF = 16ns). The digital logic
input is 1.8V logic-compatible when using a single +3V supply.
With a supply voltage of 4.2V and logic high voltage of 2.85V
at both logic inputs, the part draws only 12µA max of ICC
current.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This part may be used to “mux-in”
additional functionality while reducing ASIC design risk. The
ISL54056 is offered in small form factor package, alleviating
board space limitations.
The ISL54056 consists of four SPDT switches. It is configured
as a dual double-pole/double-throw (DPDT) device with two
logic control inputs that control two SPDT switches each. The
configuration can be used as a dual differential 2-to-1
multiplexer/demultiplexer. The ISL54056 is pin compatible
with the NLAS3799 and NLAS3799L.
Features
• Pin Compatible Replacement for the NLAS3799 and
NLAS3799L
• ON-Resistance (rON)
- V+ = +4.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.39
Ω
- V+ = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.45
Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.65
Ω
•rON Matching between Channels . . . . . . . . . . . . . . . . . 0.05Ω
•rON Flatness Across Signal Range . . . . . . . . . . . . . . . 0.05Ω
• Single Supply Operation . . . . . . . . . . . . . . . +1.65V to +4.5V
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . <0.68μW
• Fast Switching Action (V+ = +4.3V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16ns
• Break-Before-Make
• 1.8V Logic Compatible (+3V supply)
• Low ICC Current when VinH is not at the V+ Rail
• Available in 16 Ld 2.6mmx1.8mmx0.5mm µTQFN
• ESD HBM Rating
- COM Pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9kV
- All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
• Pb-Free Available (RoHS Compliant)
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
TABLE 1. FEATURES AT A GLANCE
ISL54056
Number of Switches
4
SW
Quad SPDT (Dual DPDT)
4.3V rON
0.39
Ω
4.3V tON/tOFF
30ns/16ns
3.0V rON
0.45
Ω
3.0V tON/tOFF
34ns/18ns
1.8V rON
0.65
Ω
1.8V tON/tOFF
48ns/23ns
Package
16 Ld 2.6x1.8x0.5mm µTQFN
Data Sheet
August 15, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Número de pieza similar - ISL54056IRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54056IRUZ-T INTERSIL-ISL54056IRUZ-T Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056IRUZ-T RENESAS-ISL54056IRUZ-T Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Descripción similar - ISL54056IRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com