Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54212IRTZ-T Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL54212IRTZ-T
Descripción Electrónicos  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54212IRTZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54212IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54212IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6556.0
September 18, 2007
DIGITAL INPUT CHARACTERISTICS
Voltage Low, VINL , VCTRLL
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Voltage High, VINH, VCTRLH
VDD = 2.7V to 3.6V
Full
1.4
-
-
V
Input Current, IINL, IINH
VDD = 3.6V, IN = 0V or 3.6V, CTRL = 0V
25
-10
2.5
10
nA
Full
-50
-
50
nA
Input Current, ICTRLL
VDD = 3.6V, IN = 0V, CTRL = 0V
25
-15
10
15
nA
Full
-50
-
50
nA
Input Current, ICTRLH
VDD = 3.6V, IN = 0V, CTRL = 3.6V
25
-1.1
1.0
1.1
μA
Full
-2
-
2
μA
CTRL Pull-Down Resistor, RCTRL
VDD = 3.6V, IN = 0V, CTRL = 3.6V
25
-
4
-
M
Ω
NOTES:
4. VLOGIC = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
7. RON matching between channels is calculated by subtracting the channel with the highest max RON value from the channel with lowest max
RON value, between L and R or between D+ and D-.
8. Parts are 100% tested at +25°C. Over temperature limits established by characterization and are not production tested.
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V, VCTRLH = 1.4V,
VCTRLL = 0.5V, (Note 4), unless otherwise specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 8)
TYP
MAX
(Notes 5, 8) UNITS
50%
tr <20ns
tf <20ns
tOFF
90%
VDD
0V
VINPUT
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(INPUT)
R
L
R
L
R
ON
()
+
------------------------------
=
SWITCH
INPUT
VIN
VOUT
RL
CL
COMx
AUDIO or USB
IN
50
Ω
10pF
GND
VDD
C
CTRL
VINPUT
ISL54212


Número de pieza similar - ISL54212IRTZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54212IRTZ-T RENESAS-ISL54212IRTZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Descripción similar - ISL54212IRTZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com