Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4050EE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4050EE4
Descripción Electrónicos  High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4050EE4 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC4050EE4 Datasheet HTML 1Page - Texas Instruments CD74HC4050EE4 Datasheet HTML 2Page - Texas Instruments CD74HC4050EE4 Datasheet HTML 3Page - Texas Instruments CD74HC4050EE4 Datasheet HTML 4Page - Texas Instruments CD74HC4050EE4 Datasheet HTML 5Page - Texas Instruments CD74HC4050EE4 Datasheet HTML 6Page - Texas Instruments CD74HC4050EE4 Datasheet HTML 7Page - Texas Instruments CD74HC4050EE4 Datasheet HTML 8Page - Texas Instruments CD74HC4050EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Functional Diagram
1A
1Y
2Y
3A
3Y
GND
1
2
3
4
5
6
16
14
13
12
NC
5A
4Y
5Y
6A
NC
11
9
7
10
4A
2A
VCC
8
15
6Y
4050
4049
4049
4050
1Y
2Y
3Y
6Y
NC
5Y
Logic Diagrams
HC4049
HC4050
A
Y
AY
CD54HC4049, CD74HC4049, CD54HC4050, CD74HC4050


Número de pieza similar - CD74HC4050EE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4050EE4 TI-CD74HC4050EE4 Datasheet
331Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050EE4 TI-CD74HC4050EE4 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050EE4 TI1-CD74HC4050EE4 Datasheet
645Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
More results

Descripción similar - CD74HC4050EE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4049 TI-CD74HC4049 Datasheet
28Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049 Datasheet
331Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI1-CD54HC4049_18 Datasheet
645Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
   Hex non-inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
   Hex non-inverting buffers
Rev. 10 - 23 June 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com