Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HCT40103MTG4 Datasheet(PDF) 4 Page - Texas Instruments |
|
CD74HCT40103MTG4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 16 page 4 HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC and GND 0 5.5 - - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 8 - 80 - 160 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 2) VCC -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTE: 2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS (NOTE) P0-P7 0.20 TE, MR 0.40 CP 0.60 PE 0.80 PL 1.35 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Table, e.g., 360 µA max at 25oC. Prerequisite for Switching Specifications PARAMETER SYMBOL VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES CP Pulse Width tW 2 165 - - 205 - 250 - ns 4.5 33 - - 41 - 50 - ns 6 28- -35-43 - ns PL Pulse Width tW 2 125 - - 155 - 190 - ns 4.5 25 - - 31 - 38 - ns 6 21- -26-32 - ns CD54HC40103, CD74HC40103, CD74HCT40103 |
Número de pieza similar - CD74HCT40103MTG4 |
|
Descripción similar - CD74HCT40103MTG4 |