Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5265B Datasheet(PDF) 1 Page - Leshan Radio Company

No. de pieza 1N5265B
Descripción Electrónicos  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N5265B Datasheet(HTML) 1 Page - Leshan Radio Company

  1N5265B Datasheet HTML 1Page - Leshan Radio Company 1N5265B Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
2B–1/2
NOTE: The VZ value shown is the center value with tolerance designations
as follows:
suffix B: VZ ± 5%
suffix C: VZ± 2%
suffix D: VZ ± 1%
Vz
B
Vz
± 5%
C
Vz
± 2%
D
Vz
± 1%
1N52
1N52 SERIES ZENER DIODES
1N5221B Through 1N5272B ELECTRICAL CHARACTERISTICS
(T A =25°C)unless otherwise noted.Based on dc measurements at thermal equillibrium;lead length=3/8”;thermal resistance of heat
sink=30°C/W VFmax=1.1V @ I F=200mA for all types(T A = 25°C
VFmax=1.1V@ I F=200mA
)
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
1N52 SERIES
ZENER DIODES
TYPE
Nominal
Zener
Voltage
Vz@LZT
Volts
Max Zener Voltege
Temperature Coff
(A amd Bsuffix only)
VZ(%/°C)
I R
µA
Z ZT@I ZT
Ohms
Test
Current
I ZT
mA
Max Zener Impedance
A and B Sufflx only
ZZK@IZK
= 0.25mA
Ohms
Max Reverse
Leakage Current
Package
Dimensions
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
30
30
30
30
29
28
24
23
22
19
17
11
7.0
7.0
5.0
6.0
8.0
8.0
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
100
100
75
75
50
25
15
10
5.0
5.0
5.0
5.0
5.0
5.0
3.0
3.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
3.5
4.0
5.0
6.0
6.5
6.5
7.0
8.0
8.4
9.1
9.9
10
11
12
13
14
14
15
17
18
19
21
21
-0.085
-0.085
-0.08
-0.08
-0.075
-0.07
-0.065
-0.06
±0.055
±0.03
±0.03
+0.038
+0.038
+0.045
+0.05
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.086
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091
VR
Volts
B
DO-35
(mm)


Número de pieza similar - 1N5265B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5265B VISHAY-1N5265B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Gaomi Xinghe Electronic...
1N5265B GXELECTRONICS-1N5265B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
logo
First Components Intern...
1N5265B FCI-1N5265B Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
Central Semiconductor C...
1N5265B CENTRAL-1N5265B Datasheet
657Kb / 4P
   Zener Diode Die
logo
EIC discrete Semiconduc...
1N5265B EIC-1N5265B Datasheet
38Kb / 2P
   ZENER DIODES
More results

Descripción similar - 1N5265B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com