Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SME63V471M12X25LL Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

No. de pieza SME63V471M12X25LL
Descripción Electrónicos  N-Channel Enhancement-Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SME63V471M12X25LL Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button SME63V471M12X25LL Datasheet HTML 7Page - Freescale Semiconductor, Inc SME63V471M12X25LL Datasheet HTML 8Page - Freescale Semiconductor, Inc SME63V471M12X25LL Datasheet HTML 9Page - Freescale Semiconductor, Inc SME63V471M12X25LL Datasheet HTML 10Page - Freescale Semiconductor, Inc SME63V471M12X25LL Datasheet HTML 11Page - Freescale Semiconductor, Inc SME63V471M12X25LL Datasheet HTML 12Page - Freescale Semiconductor, Inc SME63V471M12X25LL Datasheet HTML 13Page - Freescale Semiconductor, Inc SME63V471M12X25LL Datasheet HTML 14Page - Freescale Semiconductor, Inc SME63V471M12X25LL Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MRF5S4140HR3 MRF5S4140HSR3
11
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 420-430 MHz
−11
−5
−8
−17
440
410
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 16. Single-Carrier N-CDMA Broadband Performance
@ Pout = 28 Watts Avg.
435
430
425
420
415
−65
33
29
25
−47
−53
ηD
−59
−41
27
31
21.7
21.4
20.8
20.2
19.9
19.3
19
19.6
20.5
21.1
ALT1
−14
VDD = 28 Vdc, Pout = 28 W (Avg.)
IDQ = 1250 mA, N−CDMA IS−95
(Pilot, Sync, Paging, Traffic Codes
8 Through 13)
−13
−4
−7
−10
−19
440
410
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 17. Single-Carrier N-CDMA Broadband Performance
@ Pout = 56 Watts Avg.
435
430
425
420
415
−60
47
42
37
−35
−45
−50
ηD
−55
−40
39.5
44.5
21.5
21
20
19
18
17
16.5
17.5
18.5
19.5
20.5
ALT1
−16
VDD = 28 Vdc, Pout = 56 W (Avg.)
IDQ = 1250 mA, N−CDMA IS−95 (Pilot
Sync, Paging, Traffic Codes 8 Through 13)


Número de pieza similar - SME63V471M12X25LL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
SME63V471M12X25LL FREESCALE-SME63V471M12X25LL Datasheet
1Mb / 27P
   RF Power LDMOS Transistors
More results

Descripción similar - SME63V471M12X25LL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S4125NR1 FREESCALE-MRF5S4125NR1 Datasheet
524Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3 Datasheet
399Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com