Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CYV270M0101EQ_0710 Datasheet(PDF) 6 Page - Cypress Semiconductor

No. de pieza CYV270M0101EQ_0710
Descripción Electrónicos  Adaptive Video Cable Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV270M0101EQ_0710 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYV270M0101EQ_0710 Datasheet HTML 2Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 3Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 4Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 5Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 6Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 7Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 8Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 9Page - Cypress Semiconductor CYV270M0101EQ_0710 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CYV270M0101EQ
Document Number: 001-06830 Rev. *B
Page 6 of 10
AC Electrical Characteristics
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
Serial Input Data Rate[1]
143
360
Mbps
VSDI
Input Voltage Swing
Single-ended, at the transmitter,
SD data rate
500[5]
1200
mV
ΔV
SDO
Output Voltage Swing[1]
Differentialp-p, 50Ω load
450
700
950
mV
Output Jitter for Various Cable
Lengths and Data Rates
270 Mbps
Belden 1694A: 0-350m
Canare L-5CFB: 0-350m
800 mV transmit amplitude
Equalizer pathological pattern
0.2[1]
UI
Output Rise/Fall Time[3, 4]
20% - 80%
80
120
350
ps
Mismatch in Rise/Fall Time[3, 4]
30
ps
Duty Cycle Distortion[3, 4]
SD Color Bar Pattern
0.03
UI
Overshoot[3, 4]
10
%
Input Return Loss[3, 4]
-15
dB
Input Resistance[3]
Single-ended
2.5
k
Ω
Input Capacitance[3]
Single-ended
1
pF
Output Resistance[3]
Single-ended
50
Ω
Notes
4. Not tested. Guaranteed by design simulations.
5. Based on characterization across temperature and voltage with 350m of Belden 1694A cable, transmitting SMPTE Equalizer Pathological Test Pattern.
[+] Feedback


Número de pieza similar - CYV270M0101EQ_0710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CYV270M0101EQ-SXC CYPRESS-CYV270M0101EQ-SXC Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
More results

Descripción similar - CYV270M0101EQ_0710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com