Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4051PWTG4 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
CD74HC4051PWTG4 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 29 page 8 HCT TYPES High Level Input Voltage, VIH 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage, VIL 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V On Resistance, rON IO = 1mA, (Figure 15) VCC or VEE VIL or VIH 0 4.5 - 70 160 - 200 - 240 Ω - - - - - ---- Ω -4.5 4.5 - 40 120 - 150 - 180 Ω VCC to VEE 0 4.5 - 90 180 - 225 - 270 Ω - - - - - ---- Ω -4.5 4.5 - 45 130 - 162 - 195 Ω Maximum On Resistance Between any Two Channels, ∆rON 0 4.5 - 10 - ---- Ω - - - - - ---- Ω -4.5 4.5 - 5 - ---- Ω Switch On/Off Leakage Current, IIZ For Switch Off: When VIS =VCC, VOS = VEE; When VIS =VEE, VOS = VCC For Switch On: All Applicable Combinations of VIS and VOS Voltage Levels VIL or VIH 1 and 2 Channels 0 6 - - ±0.1 - ±1- ±1 µA 4053 -5 5 - - ±0.1 - ±1- ±1 µA 4 Channels 0 6 - - ±0.1 - ±1- ±1 µA 4052 -5 5 - - ±0.2 - ±2- ±2 µA 8 Channels 0 6 - - ±0.2 - ±2- ±2 µA 4051 -5 5 - - ±0.4 - ±4- ±4 µA Control Input Leakage Current, IIL - (Note 4) - 5.5 - - ±0.1 - ±1- ±1 µA Quiescent Device Current, ICC IO = 0 When VIS =VEE, VOS = VCC VCC or GND 0 5.5 - - 8 - 80 - 160 µA When VIS =VCC, VOS = VEE -4.5 5.5 - - 16 - 160 - 320 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 5) VCC - 2.1 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTES: 4. Any voltage between VCC and GND. 5. For dual supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER TEST CONDITIONS AMBIENT TEMPERATURE, TA UNITS VIS (V) VI (V) VEE (V) VCC (V) 25oC -40oC - 85oC -55oC - 125oC MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table TYPE INPUT UNIT LOADS (NOTE) 4051, 4053 All 0.5 4052 All 0.4 NOTE: Unit load is ∆ICC limit specified in DC Specifications table, e.g., 360mA max. at 25oC. ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 |
Número de pieza similar - CD74HC4051PWTG4 |
|
Descripción similar - CD74HC4051PWTG4 |