Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4052M96G4 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
CD74HC4052M96G4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 29 page 7 DC Electrical Specifications PARAMETER TEST CONDITIONS AMBIENT TEMPERATURE, TA UNITS VIS (V) VI (V) VEE (V) VCC (V) 25oC -40oC - 85oC -55oC - 125oC MIN TYP MAX MIN MAX MIN MAX HC TYPES High Level Input Voltage, VIH 2 1.5 - - 1.5 - 1.5 - V 4.5 3.15 - - 3.15 - 3.15 0 V 6 4.2 - - 4.2 - 4.2 - V Low Level Input Voltage, VIL 2 - - 0.5 - 0.5 - 0.5 V 4.5 - - 1.35 - 1.35 - 1.35 V 6 - - 1.8 - 1.8 - 1.8 V On Resistance, rON IO = 1mA, (Figure 11) VCC or VEE VIL or VIH 0 4.5 - 70 160 - 200 - 240 Ω 0 6 - 60 140 - 175 - 210 Ω -4.5 4.5 - 40 120 - 150 - 180 Ω VCC to VEE 0 4.5 - 90 180 - 225 - 270 Ω 0 6 - 80 160 - 200 - 240 Ω -4.5 4.5 - 45 130 - 162 - 195 Ω Maximum On Resistance Between any Two Channels, ∆rON 0 4.5 - 10 - ---- Ω 0 6 - 8.5 - ---- Ω -4.5 4.5 - 5 - ---- Ω Switch On/Off Leakage Current, IIZ For Switch Off: When VIS =VCC, VOS = VEE; When VIS =VEE, VOS = VCC For Switch On: All Applicable Combinations of VIS and VOS Voltage Levels VIL or VIH 1 and 2 Channels 0 6 - - ±0.1 - ±1- ±1 µA 4053 -5 5 - - ±0.1 - ±1- ±1 µA 4 Channels 0 6 - - ±0.1 - ±1- ±1 µA 4052 -5 5 - - ±0.2 - ±2- ±2 µA 8 Channels 0 6 - - ±0.2 - ±2- ±2 µA 4051 -5 5 - - ±0.4 - ±4- ±4 µA Control Input Leakage Current, IIL VCC or GND 06 - - ±0.1 - ±1- ±1 µA Quiescent Device Current, ICC IO = 0 When VIS =VEE, VOS = VCC VCC or GND 0 6 - - 8 - 80 - 160 µA When VIS =VCC, VOS = VEE -5 5 - - 16 - 160 - 320 µA ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 |
Número de pieza similar - CD74HC4052M96G4 |
|
Descripción similar - CD74HC4052M96G4 |