Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3306-15QDRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3306-15QDRQ1
Descripción Electrónicos  DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3306-15QDRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3306-15QDRQ1 Datasheet HTML 1Page - Texas Instruments TPS3306-15QDRQ1 Datasheet HTML 2Page - Texas Instruments TPS3306-15QDRQ1 Datasheet HTML 3Page - Texas Instruments TPS3306-15QDRQ1 Datasheet HTML 4Page - Texas Instruments TPS3306-15QDRQ1 Datasheet HTML 5Page - Texas Instruments TPS3306-15QDRQ1 Datasheet HTML 6Page - Texas Instruments TPS3306-15QDRQ1 Datasheet HTML 7Page - Texas Instruments TPS3306-15QDRQ1 Datasheet HTML 8Page - Texas Instruments TPS3306-15QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TPS330615Q1, TPS330618Q1, TPS330620Q1, TPS330625Q1, TPS330633Q1
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
SGLS241A − MARCH 2004 − REVISED JUNE 2006
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION/TRUTH TABLES
SENSE1 > VIT1
SENSE2 > VIT2
RESET
0
0
L
0
1
L
1
0
L
1
1
H
PFI > VIT
PFO
TYPICAL DELAY
0
→1
L
→H
0.5
µs
1
→0
H
→L
0.5
µs
functional block diagram
_
+
_
+
R4
R3
Reference
Voltage
of 1.25 V
RESET
Logic + Timer
Oscillator
SENSE 1
SENSE 2
GND
WDI
PFO
RESET
TPS3306
Watchdog
Logic + Timer
40 k
Transition
Detection
R2
R1
_
+
PFI
VDD


Número de pieza similar - TPS3306-15QDRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3306-15QDRQ1 TI1-TPS3306-15QDRQ1 Datasheet
815Kb / 16P
[Old version datasheet]   Qualified for Automotive Applications
TPS3306-15QDRQ1 TI1-TPS3306-15QDRQ1 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

Descripción similar - TPS3306-15QDRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com