Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP3023 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TLP3023
Descripción Electrónicos  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3023 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3023 Datasheet HTML 1Page - Toshiba Semiconductor TLP3023 Datasheet HTML 2Page - Toshiba Semiconductor TLP3023 Datasheet HTML 3Page - Toshiba Semiconductor TLP3023 Datasheet HTML 4Page - Toshiba Semiconductor TLP3023 Datasheet HTML 5Page - Toshiba Semiconductor TLP3023 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3020, TLP3021, TLP3022, TLP3023
2007-10-01
1
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3020,TLP3021,TLP3022,TLP3023
OFFICE MACHINE
HOUSEHOLD USE EQUIPMENT
TRIAC DRIVER
SOLID STATE RELAY
The TOSHIBA TLP3020, TLP3021, TLP3022 and TLP3023 consist of a
photo-triac optically coupled to a gallium arsenide infrared emitting diode
in a six lead plastic DIP package.
Peak Off-State Voltage
: 400 V (Min.)
Trigger LED Current
: 30mA (Max.) (TLP3020)
15 mA (Max.) (TLP3021)
10 mA (Max.) (TLP3022)
5 mA (Max.) (TLP3023)
On-State Current
: 100 mA (Max.)
UL Recognized
: UL1577, File No. E67349
Isolation Voltage
: 5000 Vrms (Min.)
Option (D4) Type
VDE Approved
: DIN EN 60747-5-2,
Certificate No. 40009302
Maximum Operating Insulation Voltage: 630 VPK
Highest Permissible Over Voltage: 6000 VPK
Note:
When a EN 60747-5-2 approved type is needed, please designate
the “Option (D4) ”
7.62mm pich
10.16 mm pich
standard type
(LF2) type
Creepage Distance
:
7.0 mm (Min.)
8.0 mm (Min.)
Clearance
:
7.0 mm (Min.)
8.0 mm (Min.)
Insulation Thickness :
0.5 mm (Min.)
0.5 mm (Min.)
1: ANODE
2: CATHODE
3: N.C.
4: TERMINAL 1
6: TERMINAL 2
JEDEC
EIAJ
TOSHIBA
11-9A2
Weight: 0.44g
PIN CONFIGURATION (TOP VIEW)
Unit: mm


Número de pieza similar - TLP3023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3023 TOSHIBA-TLP3023 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3023 TOSHIBA-TLP3023 Datasheet
347Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3023F TOSHIBA-TLP3023F Datasheet
101Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3023FS TOSHIBA-TLP3023FS Datasheet
101Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3023S TOSHIBA-TLP3023S Datasheet
347Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results

Descripción similar - TLP3023

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
   TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com