Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5104 Datasheet(PDF) 4 Page - Analog Microelectronics

No. de pieza AME5104
Descripción Electrónicos  DC/DC Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5104 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME5104 Datasheet HTML 1Page - Analog Microelectronics AME5104 Datasheet HTML 2Page - Analog Microelectronics AME5104 Datasheet HTML 3Page - Analog Microelectronics AME5104 Datasheet HTML 4Page - Analog Microelectronics AME5104 Datasheet HTML 5Page - Analog Microelectronics AME5104 Datasheet HTML 6Page - Analog Microelectronics AME5104 Datasheet HTML 7Page - Analog Microelectronics AME5104 Datasheet HTML 8Page - Analog Microelectronics AME5104 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AME, Inc.
4
150KHz,3A PWM
DC/DC Buck Converter
AME5104
Rev.C.02
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME5104 x x x x xxx x
Output Voltage
n Ordering Information
A
1. IN
C: 0
OC to 70OC
D: TO-263
V: 5
330: 3.3V
Z:
Lead free
(TO-263)
2. SW
500: 5V
3. GND
12A: 12V
4. FB
ADJ: Adjustable
5. EN
Output Voltage
Special Feature
Pin
Configuration
Operating Ambient
Temperature Range
Package Type
Number
of
Pins


Número de pieza similar - AME5104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
AME5106AIHAADJZ AME-AME5106AIHAADJZ Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
AME51071IHAADJZ AME-AME51071IHAADJZ Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
AME51072IHAADJZ AME-AME51072IHAADJZ Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
More results

Descripción similar - AME5104

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com