Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5104ACDV500Z Datasheet(PDF) 8 Page - Analog Microelectronics

No. de pieza AME5104ACDV500Z
Descripción Electrónicos  DC/DC Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5104ACDV500Z Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME5104ACDV500Z Datasheet HTML 4Page - Analog Microelectronics AME5104ACDV500Z Datasheet HTML 5Page - Analog Microelectronics AME5104ACDV500Z Datasheet HTML 6Page - Analog Microelectronics AME5104ACDV500Z Datasheet HTML 7Page - Analog Microelectronics AME5104ACDV500Z Datasheet HTML 8Page - Analog Microelectronics AME5104ACDV500Z Datasheet HTML 9Page - Analog Microelectronics AME5104ACDV500Z Datasheet HTML 10Page - Analog Microelectronics AME5104ACDV500Z Datasheet HTML 11Page - Analog Microelectronics AME5104ACDV500Z Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AME, Inc.
8
150KHz,3A PWM
DC/DC Buck Converter
AME5104
Rev.C.02
n Electrical Specifications
Note 1: The switching frequency is reduced when the second stage current limit is activated.
Note 2: No diode, inductor or capacitor connected to output pin.
Note 3: Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 4: Feedback pin removed from output and connected to 12V for the 3.3V, 5V, ADJ. version, and 15V for the
12V version, to force the output transistor switch OFF.
Parameter
Symbol
Min
Typ
Max
Units
TJ=25
OC
250
TA=0
O C to 70OC
300
EN Input Threshold (High)
VEH
0.6
EN Input Threshold (Low)
VEL
2.0
EN Input Current(High)
IEH
5
15
EN Input Current(Low)
IEL
0.02
5
µA
1.3
V
VEN=0.5V (Regulator ON)
VEN =2.5V (Regulator OFF)
High (Regulator OFF)
Low (Regulator ON)
150
µA
Test Condition
Shutdown current
ISD
EN pin=5V VIN=36V


Número de pieza similar - AME5104ACDV500Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
AME5106AIHAADJZ AME-AME5106AIHAADJZ Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
AME51071IHAADJZ AME-AME51071IHAADJZ Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
AME51072IHAADJZ AME-AME51072IHAADJZ Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
More results

Descripción similar - AME5104ACDV500Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com