Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1209 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza 2SA1209
Descripción Electrónicos  160V/140mA High-Voltage Switching and AF 100W Predriver Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1209 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA1209_02 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1209_02 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1209_02 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1209_02 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1209_02 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
No.779-2/5
2SA1209/2SC2911
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
5
)
(
=
B
A
m
5
)
(
=
7
0
.
0
)
4
1
.
0
(
3
.
0
)
4
.
0
(
V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S1
.
0s
µ
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S1
.
0s
µ
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
.
1s
µ
ITR03021
IC -- VCE
0
--10
--20
--30
--40
--50
--60
--70
0
10
20
30
40
50
60
70
0
--20
--40
--60
--80
--100
--120
--140
0
--20
--40
--60
--80
--100
--120
--140
20
0
40
60
80
100
120
140
0
20
40
60
80
100
120
140
ITR03022
IC -- VCE
ITR03024
ITR03023
--0.4
--0.6
--0.8
--1.0
--0.2
0
0.4
0.6
0.8
1.0
0.2
0
IC -- VBE
--0.1mA
--0.2mA
--0.3mA
--0.4mA
--0.5mA
--0.6mA
IB=0
2SA1209
2SC2911
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
IB=0
IC -- VBE
2SA1209
2SC2911
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Base-to-Emitter Voltage, VBE –V
Switching Test Circuit
IN
OUT
20V
50
3k
5k
2k
1
µF1µF
--2V
IC=10IB1=--10IB2=10mA
+
+
(For PNP, the polarity is reversed.)
RB
IB1
IB2


Número de pieza similar - 2SA1209_02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
2SA1209 JMNIC-2SA1209_15 Datasheet
213Kb / 4P
   Silicon PNP Power Transistors
More results

Descripción similar - 2SA1209_02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
   160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1477 SANYO-2SA1477 Datasheet
119Kb / 4P
   160V/140mA Switching Applications
2SA1257 SANYO-2SA1257 Datasheet
103Kb / 4P
   High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1011P SANYO-2SA1011P Datasheet
57Kb / 4P
   High-Voltage Switching, AF Power Amp,100W Output Predriver Applications
2SA1011 SANYO-2SA1011 Datasheet
90Kb / 3P
   High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
   HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
   High-Voltage Switching, AF 60W Predriver Applications
2SA1606 SANYO-2SA1606 Datasheet
99Kb / 3P
   High-Voltage Switching,AF 100W Driver Applications
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
   High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
   High-Voltage Switching, Predriver Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com