Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM293YDT Datasheet(PDF) 3 Page - STMicroelectronics |
|
LM293YDT Datasheet(HTML) 3 Page - STMicroelectronics |
3 / 15 page LM193, LM293, LM393 Absolute maximum ratings and operating conditions 3/15 2 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage ±18 or 36 V Vid Differential input voltage ±36 V Vin Input voltage -0.3 to +36 V Output short-circuit to ground (1) Infinite Rthja Thermal resistance junction to ambient(2) SO-8 TSSOP8 DIP8 MiniSO-8 125 120 85 190 °C/W Rthjc Thermal resistance junction to case(2) SO-8 TSSOP8 DIP8 MiniSO-8 40 37 41 39 °C/W Tj Maximum junction temperature 150 °C Tstg Storage temperature range -65 to +150 °C ESD HBM: human body model(3) 800 V MM: machine model(4) 200 CDM: charged device model(5) 1500 1. Short-circuits from the output to VCC + can cause excessive heating and potential destruction. The maximum output current is approximately 20 mA independent of the magnitude of VCC +. 2. Short-circuits can cause excessive heating and destructive dissipation. Values are typical. 3. Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k Ω resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 4. Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins are floating. 5. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins. Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2 to 36 V Vicm Common mode input voltage range (VCC += 30V)(1) Tamb = +25°C Tmin ≤ Tamb ≤ Tmax 0 to VCC + -1.5 0 to VCC + -2 V Toper Operating free-air temperature range LM193, LM193A LM293, LM293A LM393, LM393A -55 to +125 -40 to +105 0 to +70 °C 1. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V. The high end of the common-mode voltage range is VCC + -1.5 V, but either or both inputs can go to +30 V without damage. |
Número de pieza similar - LM293YDT |
|
Descripción similar - LM293YDT |