Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M36P0R8070E0 Datasheet(PDF) 3 Page - Numonyx B.V

No. de pieza M36P0R8070E0
Descripción Electrónicos  256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M36P0R8070E0 Datasheet(HTML) 3 Page - Numonyx B.V

  M36P0R8070E0 Datasheet HTML 1Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 2Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 3Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 4Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 5Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 6Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 7Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 8Page - Numonyx B.V M36P0R8070E0 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
M36P0R8070E0
Contents
3/22
6
Package mechanical . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
7
Part numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
8
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21


Número de pieza similar - M36P0R8070E0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0ZACE STMICROELECTRONICS-M36P0R9060E0ZACE Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0ZACE NUMONYX-M36P0R9060E0ZACE Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9060E0ZACF STMICROELECTRONICS-M36P0R9060E0ZACF Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results

Descripción similar - M36P0R8070E0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Numonyx B.V
M36L0R7060T1 NUMONYX-M36L0R7060T1 Datasheet
445Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
logo
STMicroelectronics
M36L0R7060T1 STMICROELECTRONICS-M36L0R7060T1 Datasheet
221Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
logo
Numonyx B.V
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
   128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M39P0R9080E4 NUMONYX-M39P0R9080E4 Datasheet
466Kb / 23P
   512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com