Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALS653DW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ALS653DW
Descripción Electrónicos  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS653DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ALS653DW Datasheet HTML 6Page - Texas Instruments SN74ALS653DW Datasheet HTML 7Page - Texas Instruments SN74ALS653DW Datasheet HTML 8Page - Texas Instruments SN74ALS653DW Datasheet HTML 9Page - Texas Instruments SN74ALS653DW Datasheet HTML 10Page - Texas Instruments SN74ALS653DW Datasheet HTML 11Page - Texas Instruments SN74ALS653DW Datasheet HTML 12Page - Texas Instruments SN74ALS653DW Datasheet HTML 13Page - Texas Instruments SN74ALS653DW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
SN54ALS652, SN54ALS653, SN54AS651, SN54AS652
SN74ALS651A, SN74ALS652A, SN74ALS653, SN74ALS654, SN74AS651, SN74AS652
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SDAS066G – DECEMBER 1983 – REVISED DECEMBER 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
SN74ALS651A
MIN
MAX
fmax
40
MHz
tPLH
CLKBA or CLKAB
AorB
8
32
ns
tPHL
CLKBA or CLKAB
A or B
5
17
ns
tPLH
AorB
BorA
2
18
ns
tPHL
A or B
B or A
2
10
ns
tPLH
SBA or SAB‡
AorB
8
38
ns
tPHL
(with A or B high)
A or B
6
21
ns
tPLH
SBA or SAB‡
AorB
8
25
ns
tPHL
(with A or B low)
A or B
7
21
ns
tPZH
OEBA
A
3
20
ns
tPZL
OEBA
A
5
18
ns
tPHZ
OEBA
A
2
9
ns
tPLZ
OEBA
A
3
12
ns
tPZH
OEAB
B
3
22
ns
tPZL
OEAB
B
6
21
ns
tPHZ
OEAB
B
2
12
ns
tPLZ
OEAB
B
2
14
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ These parameters are measured with the internal output state of the storage register opposite that of the bus input.


Número de pieza similar - SN74ALS653DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS653DW TI-SN74ALS653DW Datasheet
331Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS653DW TI1-SN74ALS653DW Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS653DWE4 TI1-SN74ALS653DWE4 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS653DWR TI1-SN74ALS653DWR Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALS653DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com