Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4946BEY Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI4946BEY
Descripción Electrónicos  Dual N-Channel 60-V (D-S) 175 C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4946BEY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4946BEY Datasheet HTML 1Page - Vishay Siliconix SI4946BEY Datasheet HTML 2Page - Vishay Siliconix SI4946BEY Datasheet HTML 3Page - Vishay Siliconix SI4946BEY Datasheet HTML 4Page - Vishay Siliconix SI4946BEY Datasheet HTML 5Page - Vishay Siliconix SI4946BEY Datasheet HTML 6Page - Vishay Siliconix SI4946BEY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 175_C Maximum Junction Temperature
D 100% Rg Tested
Si4946BEY
Vishay Siliconix
New Product
Document Number: 73411
S-51013—Rev. A, 23-May-05
www.vishay.com
1
Dual N-Channel 60-V (D-S) 175 _C MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
Qg (Typ)
60
0.041 @ VGS = 10 V
6.5
9 2 nC
60
0.052 @ VGS = 4.5 V
5.8
9.2 nC
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4946BEY-T1—E3 (Lead (Pb)-Free)
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
"20
V
TC = 25_C
6.5
Continuous Drain Current (TJ = 150_C)
TC = 70_C
ID
5.5
Continuous Drain Current (TJ = 150_C)
TA = 25_C
ID
5.3a, b
TA = 70_C
4.4a, b
A
Pulsed Drain Current
IDM
30
A
Continuous Source Drain Diode Current
TC = 25_C
IS
3.1
Continuous Source-Drain Diode Current
TA = 25_C
IS
2a, b
Avalanche Current
L = 0 1 mH
IAS
12
Single-Pulse Avalanche Energy
L = 0.1 mH
EAS
7.2
mJ
TC = 25_C
3.7
Maximum Power Dissipation
TC = 70_C
PD
2.6
W
Maximum Power Dissipation
TA = 25_C
PD
2.4a, b
W
TA = 70_C
1.7a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
−50 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t p 10 sec
RthJA
50
62.5
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
33
41
_C/W
Notes:
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
t = 10 sec
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
d.
Maximum under steady state conditions is 110 _C/W.


Número de pieza similar - SI4946BEY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
259Kb / 10P
   Dual N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 16-Nov-09
logo
Vishay Telefunken
SI4946BEY TFUNK-SI4946BEY Datasheet
262Kb / 10P
   Dual N-Channel 60-V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
193Kb / 9P
   Dual N-Channel 60-V (D-S) 175 째C MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI4946BEY TECHPUBLIC-SI4946BEY Datasheet
3Mb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI4946BEY-T1-E3 VISHAY-SI4946BEY-T1-E3 Datasheet
259Kb / 10P
   Dual N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 16-Nov-09
More results

Descripción similar - SI4946BEY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9945AEY VISHAY-SI9945AEY Datasheet
59Kb / 4P
   Dual N-Channel 60-V (D-S), 175C MOSFET
Rev. C, 24-Feb-98
SI4946BEY VISHAY-SI4946BEY_09 Datasheet
259Kb / 10P
   Dual N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 16-Nov-09
logo
VBsemi Electronics Co.,...
TSM4946DCSRLG VBSEMI-TSM4946DCSRLG Datasheet
2Mb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
VBA3638 VBSEMI-VBA3638_V01 Datasheet
714Kb / 9P
   Dual N-Channel 60 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM75N06-09L VISHAY-SUM75N06-09L_08 Datasheet
110Kb / 6P
   N-Channel 60-V (D-S), 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N06-3M4L VISHAY-SUM110N06-3M4L_08 Datasheet
118Kb / 6P
   N-Channel 60-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com