Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR2-458-5 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza LMR2-458-5
Descripción Electrónicos  UHF Narrow Band FM Low Cost multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

LMR2-458-5 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LMR2-458-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers LMR2-458-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers LMR2-458-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers LMR2-458-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers LMR2-458-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers LMR2-458-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers LMR2-458-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers LMR2-458-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers LMR2-458-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 9
RX Received Signal Strength Indicator (RSSI)
The LMR2 has wide range RSSI that measures the strength of an incoming signal over a range of 60dB
or more. This allows assessment of link quality and available margin and is useful when performing
range tests.
The output on pin 5b of the module has a standing DC bias of up to 0.5V with no signal, rising to 2.5V
at maximum indication (RF input levels of -40dBm and above).
∆Vmin-max is typically 2V and is
largely independent of standing bias variations. Output impedance is 40k
Ω. Pin 5b can drive a 100µA
meter directly, for simple monitoring.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-140 -130 -120 -110 -100 -90
-80
-70
-60
-50
-40
RF level (dBm)
Figure 6: typical RSSI level with respect to received RF level at LMR2 antenna pin
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A) Whip
This is a wire, rod ,PCB track or combination connected directly to RF pin of the module.
Optimum total length is 16.4cm (1/4 wave @ 433MHz). Keep the open circuit (hot) end
well away from metal components to prevent serious de-tuning. Whips are ground plane
sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is small
and plastic cased
B) Helical
Wire coil, connected directly to RF pin, open circuit at other end. This antenna is very
efficient given it’s small size (20mm x 4mm dia.). The helical is a high Q antenna, trim
the wire length or expand the coil for optimum results. The helical de-tunes badly with
proximity to other conductive objects.
C) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and
fed from RF pin at a point 20% from the ground end. Loops have high immunity to
proximity de-tuning.
A
B
C
whip
helical
loop
Ultimate performance
***
**
*
Easy of design set-up
***
**
*
Size
*
***
**
Immunity proximity effects
*
**
***
Range open ground to similar antenna
500m
200
100


Número de pieza similar - LMR2-458-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Radiometrix Ltd
LMR2-458-5 RADIOMETRIX-LMR2-458-5 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMR2-458-5 RADIOMETRIX-LMR2-458-5 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
LMR2-458-5-12K5 RADIOMETRIX-LMR2-458-5-12K5 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMR2-458-5-12k5 RADIOMETRIX-LMR2-458-5-12k5 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
More results

Descripción similar - LMR2-458-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com