Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMSXXXBF Datasheet(PDF) 8 Page - Numonyx B.V

No. de pieza SMSXXXBF
Descripción Electrónicos  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXBF Datasheet(HTML) 8 Page - Numonyx B.V

Back Button SMSXXXBF Datasheet HTML 4Page - Numonyx B.V SMSXXXBF Datasheet HTML 5Page - Numonyx B.V SMSXXXBF Datasheet HTML 6Page - Numonyx B.V SMSXXXBF Datasheet HTML 7Page - Numonyx B.V SMSXXXBF Datasheet HTML 8Page - Numonyx B.V SMSXXXBF Datasheet HTML 9Page - Numonyx B.V SMSXXXBF Datasheet HTML 10Page - Numonyx B.V SMSXXXBF Datasheet HTML 11Page - Numonyx B.V SMSXXXBF Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Description
SMSxxxAF, SMSxxxFF, SMSxxxBF
8/61
1
Description
The Secure Digital Memory Card (SD Memory Card) is a Flash-Based Memory Card. It is
specifically designed to meet the security, capacity, performance and environmental
requirements of the latest-generation audio and video consumer electronic devices, that is
mobile phones, digital cameras, digital recorders, PDAs, organizers, electronic toys, etc.
The Secure Digital Memory Card is a high-mobility, high-performance, low-cost and low-
power consumption device that features high data throughput at the memory card interface.
It includes a copyright protection mechanism that complies with the security of the SDMI
(Secure Digital Music Initiative) standard. The Secure Digital Memory Card security system
uses mutual authentication and a “cipher algorithm” that protects the card from illegal use.
Unsecured access to the user's personal content is also available.
The Secure Digital Memory Cards have an advanced communication interface designed to
operate in a low voltage range. The full-size Secure Digital Memory Card has a 9-pin
interface whereas the Mini Secure Digital Memory Card has a 11-pin interface but can be
fitted with a 9-pin adapter. Only the 9-pin interface is described in this document. The
MicroSD Memory Card has an 8-pin interface, and can also be fitted with a 9-pin adapter.
Table 2, Table 3, Table 4, Table 5, and Table 6 give an overview of the Secure Digital
Memory Card features.
In order to meet environmental requirements, the devices are offered in ECOPACK®
packages. ECOPACK packages are Lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
The SD, MiniSD and MicroSD packages are also Halogen free and Antimony free.
Related documentation
Secure Digital Memory Card Specifications: Part 1 Physical Layer Specification,
Version 1.01
MiniSd Memory Card Specifications: Addendum to SD Memory Card Specifications
Part 1 Physical layer Specification, Version 1.02
MicroSD Memory Card Specifications: Addendum to SD Memory Card Specifications
Part 1, Physical Layer Specification, Version 1.00
Table 2.
System performance
System performance
Max.
Typ.
Unit
Sleep to Ready
30
µs
Sustained Multiple Block Read(1)
1.
43X, 20X, 12X and 5X Speed grade markings where 1X = 150 KBytes/s.
6.3 (43X)
MBytes/s
Burst Single Block Read(1)
1.8 (12X)
MBytes/s
Sustained Multiple Block Write(1)
3.0 (20X)
MBytes/s
Burst Single Block Write(1)
0.8 (5X)
MBytes/s
Power-up to Ready
150
ms


Número de pieza similar - SMSXXXBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
SMS SCHURTER-SMS Datasheet
323Kb / 4P
   Print and SMD Switch Short Stroke 11.4 mm
logo
Isabellenhütte Heu...
SMS ISABELLENHUETTE-SMS Datasheet
1Mb / 5P
   Precision resistors
logo
Schurter Inc.
SMS SCHURTER-SMS Datasheet
334Kb / 4P
   Print and SMD Switch Short Stroke 11.4 mm
04.01.2022
logo
Adam Technologies, Inc.
SMS-001-GT ADAM-TECH-SMS-001-GT Datasheet
57Kb / 1P
   PIN RECEPTACLES
logo
Projects Unlimited, Inc...
SMS-1308MS-2-R PUI-SMS-1308MS-2-R Datasheet
215Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Descripción similar - SMSXXXBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com