Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL074MN Datasheet(PDF) 4 Page - Texas Instruments |
|
TL074MN Datasheet(HTML) 4 Page - Texas Instruments |
4 / 14 page TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080D – SEPTEMBER 1978 – REVISED AUGUST 1996 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC+ (see Note 1) 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply voltage, VCC– (see Note 1) – 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (see Notes 1 and 3) ±15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of output short circuit (see Note 4) unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: C suffix 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I suffix – 40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . M suffix – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Case temperature for 60 seconds: FK package 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: J, JG, or W package 300 °C . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, P, or PW package 260 °C . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC – . 2. Differential voltages are at IN+ with respect to IN –. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and /or supply voltages must be limited to ensure that the dissipation rating is not exceeded. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C POWER RATING DERATING FACTOR DERATE ABOVE TA TA = 70°C POWER RATING TA = 85°C POWER RATING TA = 125°C POWER RATING D (8 pin) 680 mW 5.8 mW/ °C 33 °C 465 mW 378 mW N/A D (14 pin) 680 mW 7.6 mW/ °C60°C 604 mW 490 mW N/A FK 680 mW 11.0 mW/ °C88°C 680 mW 680 mW 273 mW J 680 mW 11.0 mW/ °C88°C 680 mW 680 mW 273 mW JG 680 mW 8.4 mW/ °C69°C 672 mW 546 mW 210 mW N 680 mW 9.2 mW/ °C76°C 680 mW 597 mW N/A P 680 mW 8.0 mW/ °C65°C 640 mW 520 mW N/A PW (8 pin) 525 mW 4.2 mW/ °C70°C 525 mW N/A N/A PW (14 pin) 700 mW 5.6 mW/ °C70°C 700 mW N/A N/A W 680 mW 8.0 mW/ °C 65 °C 640 mW 520 mW 200 mW |
Número de pieza similar - TL074MN |
|
Descripción similar - TL074MN |