Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C2001-12XL6X Datasheet(PDF) 7 Page - STMicroelectronics |
|
M27C2001-12XL6X Datasheet(HTML) 7 Page - STMicroelectronics |
7 / 16 page 7/16 M27C2001 Table 9. Programming Mode AC Characteristics (1) (TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. Table 10. Programming Mode AC Characteristics (1) (TA =25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. Symbol Parameter Test Condition Min Max Unit ILI Input Leakage Current 0 ≤ VIN ≤ VIH ±10 µA ICC Supply Current 50 mA IPP Program Current E= VIL 50 mA VIL Input Low Voltage –0.3 0.8 V VIH Input High Voltage 2 VCC + 0.5 V VOL Output Low Voltage IOL = 2.1mA 0.4 V VOH Output High Voltage TTL IOH = –400µA 2.4 V VID A9 Voltage 11.5 12.5 V Symbol Alt Parameter Test Condi tion Min Max Unit tAVPL tAS Address Valid to Program Low 2 µs tQVPL tDS Input Valid to Program Low 2 µs tVPHPL tVPS VPP High to Program Low 2 µs tVCHPL tVCS VCC High to Program Low 2 µs tELPL tCES Chip Enable Low to Program Low 2 µs tPLPH tPW Program Pulse Width 95 105 µs tPHQX tDH Program High to Input Transition 2 µs tQXGL tOES Input Transition to Output Enable Low 2 µs tGLQV tOE Output Enable Low to Output Valid 100 ns tGHQZ (2) tDFP Output Enable High to Output Hi-Z 0 130 ns tGHAX tAH Output Enable High to Address Transition 0ns |
Número de pieza similar - M27C2001-12XL6X |
|
Descripción similar - M27C2001-12XL6X |