Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD3932 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza SD3932
Descripción Electrónicos  RF power transistors HF/VHF/UHF N-channel MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD3932 Datasheet(HTML) 1 Page - STMicroelectronics

  SD3932 Datasheet HTML 1Page - STMicroelectronics SD3932 Datasheet HTML 2Page - STMicroelectronics SD3932 Datasheet HTML 3Page - STMicroelectronics SD3932 Datasheet HTML 4Page - STMicroelectronics SD3932 Datasheet HTML 5Page - STMicroelectronics SD3932 Datasheet HTML 6Page - STMicroelectronics SD3932 Datasheet HTML 7Page - STMicroelectronics SD3932 Datasheet HTML 8Page - STMicroelectronics SD3932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2007
Rev 4
1/14
14
SD3932
RF power transistors
HF/VHF/UHF N-channel MOSFETs
Features
Gold metallization
Excellent thermal stability
Common source push-pull configuration
POUT = 350 W min.
with 26.8 dB gain @ 123 MHz
In compliance with the 2002/95/EC
european directive
Description
The SD3932 is a gold metallized N-channel MOS
field-effect RF power transistor. It is intended for
use in 100V DC large signal applications up to
250MHz.
Figure 1.
Pin connection
M244
Epoxy sealed
1
2
1
2
1. Drain
2. Gate
3. Source
3
3
www.st.com
Table 1.
Device summary
Order code
Marking
Package
Packaging
SD3932
SD3932
M244
Plastic tray


Número de pieza similar - SD3932

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
logo
List of Unclassifed Man...
SD3932 ETC1-SD3932 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Descripción similar - SD3932

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com