Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74CBT16244C Datasheet(PDF) 5 Page - Texas Instruments |
|
SN74CBT16244C Datasheet(HTML) 5 Page - Texas Instruments |
5 / 13 page SN74CBT16244C 16BIT FET BUS SWITCH 5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION SCDS134A − SEPTEMBER 2003 − REVISED OCTOBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 undershoot characteristics (see Figures 1 and 2) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VOUTU VCC = 5.5 V, Switch OFF, VIN = VCC or GND 2 VOH−0.3 V † All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C. Figure 1. Device Test Setup 50 Ω VS VCC 11 V 100 k Ω 100 k Ω 10 pF DUT Input Generator Ax Bx Figure 2. Transient Input Voltage (VI) and Output Voltage (VOUTU) Waveforms (Switch OFF) −2 V 5.5 V 10 % 20 ns 10 % 90 % 90 % 2 ns 2 ns VOH − 0.3 VOH Output (VOUTU) Input (Open Socket) |
Número de pieza similar - SN74CBT16244C_08 |
|
Descripción similar - SN74CBT16244C_08 |