Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74CBT3257CDRE4 Datasheet(PDF) 8 Page - Texas Instruments |
|
SN74CBT3257CDRE4 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 19 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74CBT3257CD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CDBQR ACTIVE SSOP/ QSOP DBQ 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74CBT3257CDBQRE4 ACTIVE SSOP/ QSOP DBQ 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74CBT3257CDBQRG4 ACTIVE SSOP/ QSOP DBQ 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74CBT3257CDBR ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CDBRE4 ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CDBRG4 ACTIVE SSOP DB 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CDE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CDG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CDR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CDRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CDRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CPW ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CPWE4 ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CPWG4 ACTIVE TSSOP PW 16 90 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CPWR ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CPWRE4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CPWRG4 ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74CBT3257CRGYR ACTIVE QFN RGY 16 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR SN74CBT3257CRGYRG4 ACTIVE QFN RGY 16 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. PACKAGE OPTION ADDENDUM www.ti.com 28-May-2007 Addendum-Page 1 |
Número de pieza similar - SN74CBT3257CDRE4 |
|
Descripción similar - SN74CBT3257CDRE4 |