Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMR3D Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SMR3D
Descripción Electrónicos  High Precision Bulk Metal짰 Foil Molded Surface Mount Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMR3D Datasheet(HTML) 3 Page - Vishay Siliconix

  SMR3D Datasheet HTML 1Page - Vishay Siliconix SMR3D Datasheet HTML 2Page - Vishay Siliconix SMR3D Datasheet HTML 3Page - Vishay Siliconix SMR3D Datasheet HTML 4Page - Vishay Siliconix SMR3D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63102
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 14-Nov-07
3
SMR1D/SMR3D
High Precision Bulk Metal® Foil Molded Surface Mount
Resistor with TCR down to ± 2 ppm/°C, Flexible
Terminations, and Load Life Stability of ± 0.005 % (50 ppm)
Vishay Foil Resistors
FIGURE 2 - DIMENSIONS in inches (millimeters)
MODEL
L
W
H
P
TW
TH (minimum)
SMR1D
0.236 ± 0.012
(5.99 ± 0.30)
0.126 ± 0.012
(3.20 ± 0.30)
0.098 ± 0.012
(2.49 ± 0.30)
0.051 ± 0.012
(1.30 ± 0.30)
0.087 ± 0.004
(2.21 ± 0.10)
0.039
(0.99)
SMR3D
0.287 ± 0.012
(7.29 ± 0.30)
0.170 ± 0.012
(4.32 ± 0.30)
0.110 ± 0.012
(2.79 ± 0.30)
0.051 ± 0.012
(1.30 ± 0.30)
0.095 ± 0.004
(2.41 ± 0.10)
0.039
(0.99)
TH Minimum
Side View
Stand Off
W
Bottom View
L
P
P
End View
H
TW
Top View
100R0T
(DATE CODE)
-
V
TOLERANCE
LEAD (Pb)-FREE INDICATOR
VALUE (5 DIGITS)
FIGURE 3 - RECOMMENDED MOUNTING PAD GEOMETRIES in inches (millimeters)
MODEL
METHOD
A
MIN.
B
REF
C
REF
D
± 0.04 (± 1.02)
E
REF
SMR1D
Reflow
0.110
(2.79)
0.106
(2.69)
0.124
(3.15)
0.337
(8.55)
0.050
(1.27)
SMR3D
Reflow
0.118
(3.00)
0.106
(2.69)
0.175
(4.45)
0.388
(9.86)
0.050
(1.27)
Per IPC-SM-782 Rev. A
E
A
C
B
D
Reflow Solder Pads
FIGURE 4 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
NOTE: Foil shown in black, etched spaces in white
Current Path
After Trimming
Interloop Capacitance
Reduction in Series
FIGURE 5 - TYPICAL TCR CURVE
(For more details, see table 2)
Note: The TCR values for < 80
Ω are influenced by the
termination composition and the result in deviation from this curve
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100
+ 125
- 55
± 2 ppm/°C
(+ 25 °C Reference)
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
ΔR
R
(ppm)
Ambient Temperature (°C)


Número de pieza similar - SMR3D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
More results

Descripción similar - SMR3D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMRC1D VISHAY-SMRC1D Datasheet
84Kb / 3P
   Bulk Metal짰 Foil Technology Surface Mount Precision Resistor
Revision 26-Mar-02
VSM1206 VISHAY-VSM1206 Datasheet
59Kb / 2P
   Bulk Metal짰 Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 21-May-03
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
Y162612K7560T9R VISHAY-Y162612K7560T9R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com