Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C405-120B1TR Datasheet(PDF) 2 Page - STMicroelectronics |
|
M27C405-120B1TR Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 15 page A1 A0 Q0 A7 A4 A3 A2 A6 A5 A13 A10 A8 A9 Q7 A14 A11 G E Q5 Q1 Q2 Q3 VSS Q4 Q6 A17 VPP A16 A12 A18 VCC A15 AI01602 M27C405 8 1 2 3 4 5 6 7 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 Figure 2A. DIP Pin Connections AI01603 A8 A10 17 A1 A0 Q0 A7 A4 A3 A2 A6 A5 9 A9 1 A11 A13 Q7 32 M27C405 A14 G E 25 Figure 2B. LCC Pin Connections A1 A0 Q0 A7 A4 A3 A2 A6 A5 A13 A10 A8 A9 Q7 A14 A11 G E Q5 Q1 Q2 Q3 Q4 Q6 A17 A18 A16 A12 VPP VCC A15 AI01604 M27C405 (Normal) 8 1 9 16 17 24 25 32 VSS Figure 2C. TSOP Pin Connections DEVICE OPERATION The modes of operationsof the M27C405 are listed in the Operating Modes table. A single power sup- ply is required in the read mode. All inputs are TTL levels except for Vpp and 12V on A9 for Electronic Signature. Read Mode The M27C405 has two control functions, both of which must be logically active in order to obtain data at the outputs. Chip Enable (E) is the power control and should be used for device selection. Output Enable (G) is the output control and should be used to gate data to the output pins, inde- pendent of device selection. Assuming that the addresses are stable, the address access time (tAVQV) is equalto the delay from E to output (tELQV). Data is availableat the output after a delay of tGLQV from the falling edge of G, assuming that E has been low and the addresses have been stable for at least tAVQV-tGLQV. Standby Mode The M27C405 has a standby mode which reduces the active current from 30mA to 100 µA. The M27C405 is placed in the standby mode by apply- ing a CMOS high signal to the E input. When in the standbymode, the outputs are in a high impedance state, independent of the G input. 2/15 M27C405 |
Número de pieza similar - M27C405-120B1TR |
|
Descripción similar - M27C405-120B1TR |