Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HC367NSR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74HC367NSR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 18 page SN54HC367, SN74HC367 HEX BUFFERS AND LINE DRIVERS WITH 3STATE OUTPUTS SCLS309D − JANUARY 1996 − REVISED SEPTEMBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HC367 SN74HC367 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 50 95 145 120 tpd A Y 4.5 V 12 19 29 24 ns tpd A Y 6 V 10 16 25 20 ns 2 V 100 190 285 238 ten OE Y 4.5 V 26 38 57 48 ns ten OE Y 6 V 21 32 48 41 ns 2 V 50 175 265 240 tdis OE Y 4.5 V 21 35 53 48 ns tdis OE Y 6 V 19 30 45 41 ns 2 V 28 60 90 75 tt Any 4.5 V 8 12 18 15 ns tt Any 6 V 6 10 15 13 ns switching characteristics over recommended operating free-air temperature range, CL = 150 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HC367 SN74HC367 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 70 120 180 150 tpd A Y 4.5 V 17 24 36 30 ns tpd A Y 6 V 14 20 31 25 ns 2 V 140 230 345 285 ten OE Y 4.5 V 30 46 69 57 ns ten OE Y 6 V 28 39 59 48 ns 2 V 45 210 315 265 tt Any 4.5 V 17 42 63 53 ns tt Any 6 V 13 36 53 45 ns operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per buffer/driver No load 35 pF |
Número de pieza similar - SN74HC367NSR |
|
Descripción similar - SN74HC367NSR |