Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPA5050RSAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPA5050RSAT
Descripción  STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPA5050RSAT Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
GENERAL I2C OPERATION
Register(N)
8-BitDatafor
8-BitDatafor
Register(N+1)
SINGLE-AND MULTIPLE-BYTE TRANSFERS
TPA5050
SLOS492B – MAY 2006 – REVISED MAY 2007
APPLICATION INFORMATION (continued)
The I2C bus employs two signals; SDA (data) and SCL (clock), to communicate between integrated circuits in a
system. Data is transferred on the bus serially, one bit at a time. The address and data are transferred in byte
(8-bit) format with the most-significant bit (MSB) transferred first. In addition, each byte transferred on the bus is
acknowledged by the receiving device with an acknowledge bit. Each transfer operation begins with the master
device driving a start condition on the bus and ends with the master device driving a stop condition on the bus.
The bus uses transitions on the data terminal (SDA) while the clock is high to indicate start and stop conditions.
A high-to-low transition on SDA indicates a start and a low-to-high transition indicates a stop. Normal data-bit
transitions must occur within the low time of the clock period. These conditions are shown in Figure 5. The
master generates the 7-bit slave address and the read/write (R/W) bit to open communication with another
device and then wait for an acknowledge condition. The TPA5050 holds SDA low during acknowledge clock
period to indicate an acknowledgement. When this occurs, the master transmits the next byte of the sequence.
Each device is addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share
the same signals via a bidirectional bus using a wired-AND connection.
An external pull-up resistor must be used for the SDA and SCL signals to set the HIGH level for the bus. When
the bus level is 5 V, pull-up resistors between 1 k
Ω and 2 kΩ in value must be used.
Figure 5. Typical I2C Sequence
There is no limit on the number of bytes that can be transmitted between start and stop conditions. When the
last word transfers, the master generates a stop condition to release the bus. A generic data transfer sequence
is shown in Figure 5.
The 7-bit address for the TPA5050 is selectable using the 3 address pins (ADD2, ADD1, ADD0). Table 1 lists
the 8 possible slave addresses.
Table 1. I2C Slave Address
SELECTABLE ADDRESS BITS
FIXED ADDRESS
(4 MSB bits)
ADD2
ADD1
ADD0
1101
0
0
0
1101
0
0
1
1101
0
1
0
1101
0
1
1
1101
1
0
0
1101
1
0
1
1101
1
1
0
1101
1
1
1
The serial control interface supports both single-byte and multi-byte read/write operations for all registers.
During multiple-byte read operations, the TPA5050 responds with data, a byte at a time, starting at the register
assigned, as long as the master device continues to respond with acknowledges.
7
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn