Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2491DGSG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TPS2491DGSG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 20 page www.ti.com I LIM + 50 mV R S TPS2490 TPS2491 SLVS503 – NOVEMBER 2003 DETAILED PIN DESCRIPTION The following description relies on the typical application diagram shown on page 1, and the functional block diagram. VCC: This pin is associated with three functions: 1) biasing power to the integrated circuit, 2) input to power on reset (POR) and under voltage lockout (UVLO) functions, and 3) voltage sense at one terminal of RS for M1 current measurement. The voltage must exceed the POR (about 6 V for roughly 400 µ S) and the internal UVLO (about 8 V) before normal operation (driving the GATE) may begin. Connections to VCC should be designed to minimize RS voltage sensing errors and to maximize the effect of C1 and D1; place C1 at RS rather than at the IC pin to eliminate transient sensing errors. GATE, PROG, PG, and TIMER are held low when either UVLO or POR are active. SENSE: Monitors the voltage at the drain of M1, and the downstream side of RS providing the constant power limit engine with feedback of both M1 current (ID) and voltage (VDS). Voltage is determined by the difference between SENSE and OUT, while the current analog is the difference between VCC and SENSE. The constant power engine uses VDS to compute the allowed ID and is clamped to 50 mV, acting like a traditional current limit at low VDS. The current limit is set by the following equation: Design the connections to SENSE to minimize RS voltage sensing errors. Don’t drive SENSE to a large voltage difference from VCC because it is internally clamped to VCC. The current limit function can be disabled by connecting SENSE to VCC. GATE: Provides the high side (above VCC) gate drive for M1. It is controlled by the internal gate drive amplifier, which provides a pull-up of 22 µA from an internal charge pump and a strong pull-down to ground of 75 mA (min). The pull-down current is a non-linear function of the amplifier overdrive; it provides small drive for small overloads, but large overdrive for fast reaction to an output short. There is a separate pull-down of 2 mA to shut M1 off when EN or the UVLO cause this to happen. An internal clamp protects the gate of M1 (to OUT) and generally eliminates the need for an external clamp in almost all cases for devices with 20 V VGS(MAX) ratings; an external Zener may be required to protect the gate of devices with VGS(MAX) < 16 V. A small series resistance (R5) of 10 Ω should be inserted in the gate lead if the C ISSof M1 > 200 pF, otherwise use 33 Ω for small MOSFETs. A capacitor can be connected from GATE to ground to create a slower inrush with a constant current profile without affecting the amplifier stability. Add a series resistor of about 1 k Ω to the gate capacitor to maintain the gate clamping and current limit response time. OUT: This input pin is used by the constant power engine and the PG comparator to measure VDS of M1 as V(VCC–SENSE). Internal protection circuits leak a small current from this pin when it is low. If the load circuit can drive OUT below ground, connect a clamp (or freewheel) diode such as an S1B from OUT (cathode) to GND (anode). EN: The GATE driver is enabled if the positive threshold is exceeded and the internal POR and UVLO thresholds have been satisfied. EN can be used as a logic control input, an analog input voltage monitor as illustrated by R1/R2 in the typical application circuit on page 1, or it can be tied to VCC to always enable the TPS2490/91. The hysteresis associated with the internal comparator makes this a stable method of detecting a low input condition and shutting the downstream circuits off. A TPS2490 that has latched off can be reset by cycling EN below its negative threshold and back high. VREF: Provides a 4.0-V reference voltage for use in conjunction with R3/R4 of the typical application circuit to set the voltage on the PROG pin. The reference voltage is available once the internal POR and UVLO thresholds have been met. It is not designed as a supply voltage for other circuitry, therefore ensure that no more than 1 mA is drawn. Bypass capacitance is not required, but if a special application requires one, less than 1000 pF can be placed on this pin. PROG: The voltage applied to this pin (0–4 V) programs the power limit used by the constant power engine. Normally, a resistor divider R3/R4 is connected from VREF to PROG to set the power limit according to the following equation: 9 |
Número de pieza similar - TPS2491DGSG4 |
|
Descripción similar - TPS2491DGSG4 |