Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9Z34NPBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF9Z34NPBF
Descripción Electrónicos  HEXFET짰 POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF9Z34NPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF9Z34NPBF Datasheet HTML 1Page - International Rectifier IRF9Z34NPBF Datasheet HTML 2Page - International Rectifier IRF9Z34NPBF Datasheet HTML 3Page - International Rectifier IRF9Z34NPBF Datasheet HTML 4Page - International Rectifier IRF9Z34NPBF Datasheet HTML 5Page - International Rectifier IRF9Z34NPBF Datasheet HTML 6Page - International Rectifier IRF9Z34NPBF Datasheet HTML 7Page - International Rectifier IRF9Z34NPBF Datasheet HTML 8Page - International Rectifier IRF9Z34NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF9Z34NPbF
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.6
V
TJ = 25°C, IS = -10A, VGS = 0V „
trr
Reverse Recovery Time
–––
54
82
ns
TJ = 25°C, IF = -10A
Qrr
Reverse RecoveryCharge
––– 110 160
nC
di/dt = -100A/µs „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-55
––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.05 ––– V/°C Reference to 25°C, ID = -1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.10
VGS = -10V, ID = -10A „
VGS(th)
Gate Threshold Voltage
-2.0
––– -4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
4.2
––– –––
S
VDS = 25V, ID = -10A
–––
––– -25
µA
VDS = -55V, VGS = 0V
–––
––– -250
VDS = -44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
35
ID = -10A
Qgs
Gate-to-Source Charge
–––
––– 7.9
nC
VDS = -44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
16
VGS = -10V, See Fig. 6 and 13 „
td(on)
Turn-On Delay Time
–––
13
–––
VDD = -28V
tr
Rise Time
–––
55
–––
ID = -10A
td(off)
Turn-Off Delay Time
–––
30
–––
RG = 13Ω
tf
Fall Time
–––
41
–––
RD = 2.6Ω, See Fig. 10 „
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
620 –––
VGS = 0V
Coss
Output Capacitance
–––
280 –––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
140 –––
ƒ = 1.0MHz, See Fig. 5
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ -10A, di/dt ≤ -290A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting TJ = 25°C, L = 3.6mH
RG = 25Ω, IAS = -10A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
Source-Drain Ratings and Characteristics
A
S
D
G
-19
-68


Número de pieza similar - IRF9Z34NPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9Z34NPBF IRF-IRF9Z34NPBF_15 Datasheet
246Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Descripción similar - IRF9Z34NPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com