Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8230AS Datasheet(PDF) 3 Page - NEC

No. de pieza SM8230AS
Descripción Electrónicos  Tone Dialer with Built-in Piezo Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

SM8230AS Datasheet(HTML) 3 Page - NEC

  SM8230AS Datasheet HTML 1Page - NEC SM8230AS Datasheet HTML 2Page - NEC SM8230AS Datasheet HTML 3Page - NEC SM8230AS Datasheet HTML 4Page - NEC SM8230AS Datasheet HTML 5Page - NEC SM8230AS Datasheet HTML 6Page - NEC SM8230AS Datasheet HTML 7Page - NEC SM8230AS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SM8230A
SEIKO NPC CORPORATION —3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
DC Characteristics
VDD = 2.6 to 3.3V, VSS = 0V, Ta = −20 to 70°C
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
VSS − 0.3 to VDD + 0.3
V
Output voltage range
VOUT
VSS − 0.3 to VDD + 0.3
V
Storage temperature range
Tstg
−55 to 125
°C
Power dissipation
PD
250
mW
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage range
VDD
2.6
3.0
3.3
V
Operating temperature
Topr
−20
25
70
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating current consumption
IDD
VDD = 3.0V, Ta = 25°C,
fCLK = 480kHz
1.5
3
mA
Standby current consumption
IST
VDD = 3.3V, OE = LOW
1
µA
Input voltage (all inputs)
VIH
HIGH-level input
1.1
VDD
V
VIL
LOW-level input
VSS
0.6
Input leakage current
IIL
HIGH/LOW-level input
−1–
1µA
BZH/BZL tone output voltage
VBZO
0dB output level
0.86VDD
0.93VDD
1.0VDD
Vp-p
BZH/BZL tone output adjustment step
DRES
1.0
dB
BZH/BZL tone output absolute error
DLIN
VZBO levels
−1–
1dB
BZH/BZL tone output impedance
ZOUT
100
150
200


Número de pieza similar - SM8230AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM8230A NPC-SM8230A Datasheet
56Kb / 7P
   Tone Dialer with Built-in Piezo Driver
More results

Descripción similar - SM8230AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM8230A NPC-SM8230A Datasheet
56Kb / 7P
   Tone Dialer with Built-in Piezo Driver
logo
List of Unclassifed Man...
NT95089 ETC-NT95089 Datasheet
309Kb / 11P
   Tone Dialer
HM9187 ETC1-HM9187 Datasheet
76Kb / 1P
   TONE DIALER
logo
UMC Corporation
UM9559E UMC-UM9559E Datasheet
615Kb / 7P
   TONE DIALER
logo
List of Unclassifed Man...
UM95080 ETC-UM95080 Datasheet
91Kb / 1P
   ONE KEY DIALER TONE DIALER
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
   Tone/Pulse Dialer
logo
Holtek Semiconductor In...
HT9201A HOLTEK-HT9201A Datasheet
396Kb / 7P
   Simple Tone Dialer
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
   TONE DIALER LSI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com