Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMLE12EC6T Datasheet(PDF) 1 Page - Rohm

No. de pieza SMLE12EC6T
Descripción Electrónicos  0603 <1.6 0.8 t=0.36mm> Low Current Type(IF 10mA)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SMLE12EC6T Datasheet(HTML) 1 Page - Rohm

  SMLE12EC6T Datasheet HTML 1Page - Rohm SMLE12EC6T Datasheet HTML 2Page - Rohm SMLE12EC6T Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMLE12EC6T
521
36
85
35
3.0
68
Directivity (Typ.)
:Duty 1/10, 1kHz.
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(µA)
Dimensions (Unit:mm)
VR
(V)
∆λ
Absolute Maximum Ratings (Ta=25
°C)
Electrical Optical Characteristics (Ta=25
°C)
InGaN on SiC
SMLE12 Series
Blue
(Unit:mm)
The recommended thickness of the screen mask
for soldering is between 100 and 150µm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Recommended Pad Layout
0.8
Emitting Color
Material
Package Size(mm)
Part No.
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
( C)
Storage
temperature
Tstg
( C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
0603 <1.6 0.8 t=0.36mm>
Low Current Type(IF 10mA)
Packaging Specifications (Unit:mm)
Tape Specifications : T86 <5,000pcs/reel>
Feeding direction
2±0.05
4±0.1
0.95
0.5
Reel Specifications
11.4±1
Tolerance:± 0.2
Tolerance:± 0.2
φ1.5+0.1
0
Tolerance:± 0.1
note) "-" will be taken out for emitting color B/E series.
SMLE12BC7T
Green
SMLE12EC6T
66
20
100
5
-30 to +85
-40 to +100
SMLE12BC7T
5
100
5
468
9.0
22
26
55
2.9
Transparent
Colorless
Blue
Green
SMLE12BC7T
SMLE12EC6T
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
Angular Displacement (deg)
RELATIVE LUMINOUS INTENSITY (%)
Y
X
Y’
X’
050
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
050
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
1608(0603) 1.6
×0.8(t=0.36)
Label Position
1.6
1.2
Terminal
0.8


Número de pieza similar - SMLE12EC6T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SMLE12EC6T ROHM-SMLE12EC6T Datasheet
1Mb / 4P
   EXCELEDTM series
SMLE12EC6T ROHM-SMLE12EC6T Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SMLE12EC6T ROHM-SMLE12EC6T Datasheet
1Mb / 4P
   SML-E1 Series
More results

Descripción similar - SMLE12EC6T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML512BC5T ROHM-SML512BC5T Datasheet
101Kb / 3P
   <1.6 0.8 t=0.55mm> Low Current Type
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
90885 ROHM-90885 Datasheet
112Kb / 3P
   0603<1.6 0.8 t=0.55mm> Standard Type
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
SML-211YTT86K ROHM-SML-211YTT86K Datasheet
116Kb / 3P
   0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)
SMLP12BC7T ROHM-SMLP12BC7T Datasheet
115Kb / 3P
   0402<1.0 0.6 t=0.2mm> Low Current Type (IF 10mA)
SML-211DTT86K ROHM-SML-211DTT86K Datasheet
116Kb / 3P
   0805 2.0 1.25 t=0.8mm Low Current Type(IF 10mA)
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
   Low Current Type (IF=<10mA) Side view chip LEDs
SML512 ROHM-SML512 Datasheet
105Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com