Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS749XX Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS749XX
Descripción Electrónicos  3.0A Low Dropout Linear Regulator with Programmable Soft-Start
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS749XX Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS749XX Datasheet HTML 5Page - Texas Instruments TPS749XX Datasheet HTML 6Page - Texas Instruments TPS749XX Datasheet HTML 7Page - Texas Instruments TPS749XX Datasheet HTML 8Page - Texas Instruments TPS749XX Datasheet HTML 9Page - Texas Instruments TPS749XX Datasheet HTML 10Page - Texas Instruments TPS749XX Datasheet HTML 11Page - Texas Instruments TPS749XX Datasheet HTML 12Page - Texas Instruments TPS749XX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
100mV/div
100mV/div
1V/div
Time(50 s/div)
m
C
=2.2 F(Ceramic)
OUT
m
C
=10 F(Ceramic)
OUT
m
5.0V
1V/ s
m
3.3V
C
=1nF
SS
100mV/div
1V/div
Time(50 s/div)
m
C
=10 F(Ceramic)
OUT
m
3.8V
1V/ s
m
1.8V
C
=1nF
SS
100mV/div
100mV/div
100mV/div
2A/div
Time(50 s/div)
m
C
=22 F(Ceramic)
OUT
m
C
=100 F(Ceramic)
OUT
m
C
=470 F(OSCON)
OUT
m
50mA
3A
1A/ s
m
C
=1nF
SS
0.5V/div
V
OUT
V
EN
1V/div
Time(1ms/div)
C
SS =2.2nF
C
SS =1nF
C
SS =0nF
1.2V
0V
Time(20ms/div)
V
(500mV/div)
PG
V
OUT
V
=V
=V
IN
BIAS
EN
TPS749xx
SBVS082B – JUNE 2007 – REVISED OCTOBER 2007
At TJ = +25°C, VIN = VOUT(TYP) + 0.3V, VBIAS = 5V, IOUT = 1A, VEN = VIN = 1.8V, VOUT = 1.5V, CIN = 1μF, CBIAS = 4.7μF, and
COUT = 10μF, unless otherwise noted.
VBIAS LINE TRANSIENT
VIN LINE TRANSIENT
Figure 20.
Figure 21.
OUTPUT LOAD TRANSIENT RESPONSE
TURN-ON RESPONSE
Figure 22.
Figure 23.
POWER-UP/POWER-DOWN
Figure 24.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS749xx


Número de pieza similar - TPS749XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
More results

Descripción similar - TPS749XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com